Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS31256 Datasheet(PDF) 175 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 175 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 171Page - Maxim Integrated Products DS31256 Datasheet HTML 172Page - Maxim Integrated Products DS31256 Datasheet HTML 173Page - Maxim Integrated Products DS31256 Datasheet HTML 174Page - Maxim Integrated Products DS31256 Datasheet HTML 175Page - Maxim Integrated Products DS31256 Datasheet HTML 176Page - Maxim Integrated Products DS31256 Datasheet HTML 177Page - Maxim Integrated Products DS31256 Datasheet HTML 178Page - Maxim Integrated Products DS31256 Datasheet HTML 179Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
175 of 183
AC CHARACTERISTICS: JTAG TEST PORT INTERFACE
(VDD = 3.0V to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
JTCLK Clock Period
t1
1000
ns
JTCLK Clock Low Time
t2
400
ns
JTCLK Clock High Time
t3
400
ns
JTMS/JTDI Setup Time to the Rising
Edge of JTCLK
t4
50
ns
JTMS/JTDI Hold Time from the Rising
Edge of JTCLK
t5
50
ns
Delay Time from the Falling Edge of
JTCLK to Data Valid on JTDO
t6
2
50
ns
Figure 13-6. JTAG Test Port Interface AC Timing Diagram
JTCLK
JTMS/JTDI
JTDO
t4
t5
t6
t1
t2
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com