Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 115 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 115 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 111Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 112Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 113Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 114Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 115Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 116Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 117Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 118Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 119Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
specified limitations for overshoot and undershoot (see Overshoot and Undershoot Defi-
nition).
2. For CK_t and CK_c, use VSEH/VSEL(AC) of CA; for strobes (DQS[3:0]_t and DQS[3:0]_c), use
VIH/VIL(AC) of DQ.
3. VIH(AC) and VIL(AC) for DQ are based on VREFDQ; VSEH(AC) and VSEL(AC) for CA are based on
VREFCA. If a reduced AC HIGH or AC LOW is used for a signal group, the reduced level
applies.
Differential Input Crosspoint Voltage
To ensure tight setup and hold times as well as output skew parameters with respect to
clock and strobe, each crosspoint voltage of differential input signals (CK_t, CK_c,
DQS_t, and DQS_c) must meet the specifications listed in the Single-Ended Levels for
CK_t, CK_c, DQS_t, DQS_c table. The differential input crosspoint voltage (VIX) is meas-
ured from the actual crosspoint of the true signal and its and complement to the midle-
vel between VDD and VSS.
Figure 74: VIX Definition
Table 74: Crosspoint Voltage for Differential Input Signals (CK_t, CK_c, DQS_t, DQS_c)
Symbol
Parameter
LPDDR2-1066 to LPDDR2-200
Unit
Notes
Min
Max
VIXCA(AC)
Differential input crosspoint voltage rela-
tive to VDD2/2 for CK_t and CK_c
–120
120
mV
1, 2
VIXDQ(AC)
Differential input crosspoint voltage rela-
tive to VDDQ/2 for DQS_t and DQS_c
–120
120
mV
1, 2
Notes:
1. The typical value of VIX(AC) is expected to be about 0.5 × VDD of the transmitting device,
and it is expected to track variations in VDD. VIX(AC) indicates the voltage at which differ-
ential input signals must cross.
2. For CK_t and CK_c, VREF = VREFCA(DC). For DQS_t and DQS_c, VREF = VREFDQ(DC).
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Differential
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
115
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com