Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 8Page - Maxim Integrated Products MAX1463 Datasheet HTML 9Page - Maxim Integrated Products MAX1463 Datasheet HTML 10Page - Maxim Integrated Products MAX1463 Datasheet HTML 11Page - Maxim Integrated Products MAX1463 Datasheet HTML 12Page - Maxim Integrated Products MAX1463 Datasheet HTML 13Page - Maxim Integrated Products MAX1463 Datasheet HTML 14Page - Maxim Integrated Products MAX1463 Datasheet HTML 15Page - Maxim Integrated Products MAX1463 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
12
______________________________________________________________________________________
Typical Application Circuit
Analog ratiometric output configuration (Figure 2) pro-
vides an output that is proportional to the power-supply
voltage. Ratiometricity is an important consideration for
automotive, battery-operated instruments, and some
industrial applications.
Detailed Description
The MAX1463 is a highly integrated, low-power, two-
channel sensor signal processor optimized for industri-
al and process control applications, such as pressure
sensing and compensation, RTD and thermal-couple
linearization, weight sensing and classification, and
remote process monitoring with limit indication.
The MAX1463 incorporates a 16-bit CPU, user-pro-
grammable 4kB of FLASH memory, 128 bytes of
FLASH user information, 16-bit ADC, two 16-bit DACs,
two 12-bit PWM digital outputs, four rail-to-rail op amps,
SPI interface, two GPIOs, and one on-chip temperature
sensor.
Each sensor signal can be amplified, compensated for
temperature, linearized, and the offset and full scale
can be adjusted to the desired value. The MAX1463
can provide outputs as analog voltage (DAC) or digital
(PWM, GPIOs), or simple on/off alarm indication
(GPIOs). The uncommitted op amps can be used to
provide 4–20mA outputs or for additional gain and fil-
tering. Each DAC output is routed to either a small or
large op amp. Large op amps are capable of driving
heavier external loads. The unused circuit functions
can be turned off to save power.
All sensor linearization and on-chip temperature com-
pensation is done by a user-defined algorithm stored in
FLASH memory. The user-defined algorithm is pro-
grammed over the serial interface and stored in 4kB of
integrated FLASH memory.
The MAX1463 uses an internal 4MHz oscillator or an
externally supplied 4MHz clock. CPU code execution
and ADC operation is fully synchronized to minimize
the noise interference of a CPU-based sensor proces-
sor system. The internal clock can be routed off chip for
driving external circuit components to maintain system
synchronization and to avoid clock-beat noise often
found in multiclock systems. The CPU sequentially exe-
cutes instructions stored in FLASH memory.
Sensor Input
The MAX1463 provides two differential signal inputs,
INP1-INM1 and INP2-INM2. These inputs can also be
configured as four singled-ended signals. Each input
can have a common-mode range from VDD to VSS and
a programmable gain range of 0.94V/V to 240V/V. The
differential input signals are summed with the output of
the coarse offset DAC (CO DAC) for offset correction
prior to being amplified by the programmable gain
amplifier (PGA). The resulting signal is applied to the
differential input of the ADC for conversion.
DO
DI
SCLK
CS
tCSS
tCL
tCH
tCSH
tSC
tCS
tDS
tDH
tDS
tDH
tCSI
tCSS
tCL
tCH
tSC
tCSH
tDO
tTR
tDV
tDV
tDO
tTR
Figure 1. Serial Interface Timing Diagram


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com