Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 9Page - Maxim Integrated Products MAX1463 Datasheet HTML 10Page - Maxim Integrated Products MAX1463 Datasheet HTML 11Page - Maxim Integrated Products MAX1463 Datasheet HTML 12Page - Maxim Integrated Products MAX1463 Datasheet HTML 13Page - Maxim Integrated Products MAX1463 Datasheet HTML 14Page - Maxim Integrated Products MAX1463 Datasheet HTML 15Page - Maxim Integrated Products MAX1463 Datasheet HTML 16Page - Maxim Integrated Products MAX1463 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
______________________________________________________________________________________
13
The CPU can be programmed to measure one or two
differential inputs plus the internal temperature sensor
defined in user-supplied algorithm. For example, the
differential inputs may be measured many times while
the temperature may be measured less frequently.
On-Chip Temperature Sensing
The on-chip temperature sensor is a diode that changes
-2mV/°C over the operating range. The ADC converts the
temperature sensor in a similar manner as the sensor
inputs. During an ADC conversion of the temperature
sensor, the ADC automatically uses the internal 1.25V
reference as the ADC full-scale reference. The tempera-
ture data format is 15-bit plus sign in two’s complement
format. There is no programmable gain adjustment for
the temperature sensor input. Offset compensation by
the CO DAC is provided so that the nominal temperature
measurement can be centered at the ADC output mid-
scale value. Additional digital gain and offset correction
can be provided by the CPU.
Output Format
There are two output modules in the MAX1463—DOP1
(DAC Op Amp PWM 1) and DOP2 (DAC Op Amp PWM
2). Each of the DOP modules contains a 16-bit DAC, a
12-bit digital PWM converter, a small op amp, and a
large op amp with high-output drive capability. Each
module can be configured in several different modes to
suit a wide range of output signal requirements. Either
the DAC or the PWM can be selected as the primary
output signal. The DAC output signal must be routed to
one of the two op amps before being made available to
a device pin. See the DAC, Op Amp, PWM Modules
section for details. Additional digital outputs are avail-
able on the GPIOs; 4–20mA output format can be
accomplished by using the unrouted op amp.
Initialization
A user-defined initialization routine is required to con-
figure the oscillator frequency and, if necessary, vari-
ous analog modules, e.g., PGA gain, ADC resolution,
ADC clock settings, etc. After the initialization routine,
the CPU can start execution of the main program.
Power-On Reset
The MAX1463 contains a POR circuit to disable CPU
execution until adequate VDD voltage is available for
operation. Once the power-on state has been reached,
the MAX1463 is kept under reset condition for 250µs
before the CPU starts execution. Below the VDD thresh-
old, all internal CPU registers are set to their POR
default state. Power-on control bits for internal modules
are reset to the OFF condition.
CPU Architecture
The CPU provides a wide range of functionality to be
incorporated in an embedded system. The CPU can
compensate nonlinear and temperature-dependent sen-
sors, check for over/underlimit conditions, output sensor
or temperature data as an analog signal or pulse-width-
modulated digital signal, and execute control strategies.
The CPU can perform a limited amount of signal pro-
cessing (filtering). A timer is included so that uniform
sampling (equally spaced ADC conversions) of the
input sensors can be performed.
5 VDC
VDD
SENSOR
VSS
VDDF
OUTnSM
OUT
0.47
µF 0.1µF
100pF
INPn
INMn
GND
100
MAX1463
Figure 2. Basic Bridge Sensor Ratiometric Output Configuration


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com