Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 16Page - Maxim Integrated Products MAX1463 Datasheet HTML 17Page - Maxim Integrated Products MAX1463 Datasheet HTML 18Page - Maxim Integrated Products MAX1463 Datasheet HTML 19Page - Maxim Integrated Products MAX1463 Datasheet HTML 20Page - Maxim Integrated Products MAX1463 Datasheet HTML 21Page - Maxim Integrated Products MAX1463 Datasheet HTML 22Page - Maxim Integrated Products MAX1463 Datasheet HTML 23Page - Maxim Integrated Products MAX1463 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
20
______________________________________________________________________________________
The entire 16-bit content of the DHR register is read out
through the DO pin by applying 16 successive clock
pulses to SCLK while CS remains low. DHR is clocked
out MSB bit first. Figure 10 shows the 4-wire mode data
read from the DHR register
In 4-wire mode, data is transferred into DI during the
clocking of data out of DO. Therefore, the last 8 bits
clocked into the DI pin during this data transfer are
latched into the IRS register and decoded when CS
returns high.
When the MAX1463 serial interface is configured in 3-
wire mode, the 16-bit DHR data is read out immediately
following the command for 3-wire mode enable. Figure
11 shows the 3-wire enable command (IRS[7:0] = 19h)
clocked into DI with a subsequent 16-bit read of DHR
on DO. DO remains in high impedance (three-state)
until the 3-wire enable command is received. Then DO
goes into low-impedance drive mode during the next
low cycle of CS. As SCLK is clocked 16 times, the data
in DHR is clocked out at DO. The 3-wire enable com-
mand is the command that sets the MAX1463 ready for
output on DO on the next low cycle of CS. Following the
DHR output on the low cycle of CS, the DO line returns
to high-impedance state until the next 3-wire enable
command is received. The MAX1463 can receive an
indefinite number of inputs to DI without the need for a
3-wire enable command to be received.
When the IRSD[3:0] nibble is written to the command
register (CR), i.e., when IRSA[3:0] = 1000, the nibble is
decoded and a command operation is initiated. The
command register decoding is shown in Table 41.
When the IRSD[3:0] nibble is written to the IMR, i.e.,
when IRSA[3:0] = 1001, the nibble is decoded and a
command operation is initiated. The IMR decoding is
shown in Table 42.
Note that after power is applied and the POR function
completes, the serial interface default is the 3-wire mode
for receiving data on DI only. The DO line is a high-
impedance output until the MAX1463 receives either the
4-wire or 3-wire mode command in the IMR. In the case
of a 3-wire mode command, DO switches from a high-
impedance state to a driving state only for the next cycle
of CS, returning to high-impedance afterwards.
All commands, with the exception of programming or
erasing the FLASH memory, are completed within eight
internal master clock cycles of CS returning from low to
high. This is 4µs for a 4MHz oscillator frequency or
external clock input (1 internal master clock = 2 exter-
nal/internal oscillator periods). FLASH memory pro-
gramming and erasing require additional time of 80µs
and 4.2ms, respectively.
FLASH Memory
There are 4096 bytes of programmable/erasable FLASH
memory for CPU program instructions and coefficients
storage. In addition, there are 128 bytes of FLASH mem-
ory accessible only by the serial interface for storage of
user information data.
20h
TMR_CONTROL
21h
TMR_CONFIG
PRESCALER
12-BIT COUNTER
TIMEOUT VALUE
MCLK
Figure 6. Timer Module
ISRC
33h
ISRC_CONTROL
VDD
Figure 7. Current Source Mode
GPIOn
40h OR 41h
GPIOn_CONTROL
EDGE OR LEVEL DETECT
VSS
100k
THREE-STATE
BUFFER
Figure 8. GPIO1 and GPIO2 Modules


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com