Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 18Page - Maxim Integrated Products MAX1463 Datasheet HTML 19Page - Maxim Integrated Products MAX1463 Datasheet HTML 20Page - Maxim Integrated Products MAX1463 Datasheet HTML 21Page - Maxim Integrated Products MAX1463 Datasheet HTML 22Page - Maxim Integrated Products MAX1463 Datasheet HTML 23Page - Maxim Integrated Products MAX1463 Datasheet HTML 24Page - Maxim Integrated Products MAX1463 Datasheet HTML 25Page - Maxim Integrated Products MAX1463 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
22
______________________________________________________________________________________
E8
otherwise, if only a page erase is required, first write
PFAR[11:6] with the page address, as:
07 X6 X5 04
(write 0XX0h to PFAR[15:0])
Note that the 2 lower bits of PFAR[7:4] should be
zero, and only the upper 2 bits of that nibble should
be set to the desired value. Then, after writing the
page address, send the page-erase command:
D8
5) Wait at least 4.2ms before sending any other com-
mand to allow the necessary time for the
erase operation to complete.
6) Write the address of the flash byte to be written to
PFAR[15:0]:
07 X6 X5 X4
(write 0XXXh to PFAR[15:0])
7) Write the contents of the byte to DHR[7:0]:
X1 X0
(write XXh to DHR[7:0], high nibble
at DHR[7:4])
8) Send the command to execute the FLASH write:
18
9) Repeat steps 6), 7), and 8) for all the bytes to be
written. It is not necessary to send the whole
address and data for every byte that is written. Only
the nibbles that are modified in the PFAR and in the
DHR from previous values must be changed. The
time interval between successive write commands
(18h) must be at least 80µs.
10) If partition 1 was selected in step 2), and the user
wants to switch back to partition 0, send the follow
ing command:
78
At this point, partition 0 is selected. The user may
want to go back to step 4) to program partition 0, or
just continue on.
11) Disable the PWRWFL bit:
03 02 01 00
(write 0000h to DHR[15:0])
D4
(write Dh to PFAR[3:0])
08
(write DHR, 0000h to CPU port
pointed by PFAR[3:0], port D)
03 02 31 10
(write 0031h to DHR[15:0])
E4
(write Eh to PFAR[3:0])
08
(write DHR, 0031h to CPU port
pointed by PFAR[3:0], port E)
83 02 01 00
(write 8000h to DHR[15:0])
F4
(write Fh to PFAR[3:0])
08
(write DHR, 8000h to CPU port
pointed by PFAR[3:0], port F)
Alternatively, you can send the reset command,
which also clears the PWRWFL bit:
B8
Reading the Flash Contents
The procedure to read the flash contents is no different
from reading any other information from the MAX1463.
The flash contents must be copied to the DHR and
read through the serial interface (all the commands are
hexadecimal values of IRS [7:0]):
1) If the CPU is not halted, halt the CPU:
78
2) If partition 1 is to be read, enter the following com-
mand:
F8
otherwise, partition 0 is selected.
3) Write the address of the flash byte to be read to
PFAR[15:0]:
07 X6 X5 X4
(write 0XXXh to PFAR[15:0])
4) Copy the contents of flash addressed by PFAR to
DHR:
38
5) If the interface is configured in 3-wire mode, send
19
to enable DO on the next CS cycle. Then three-
state the DI driver, and send 16 SCLK pulses on
the following CS cycle, and DO outputs DHR[15:0].
The flash data is present at DHR[7:0]. See Figure
11 for details.
If the interface is configured in 4-wire mode, there
is no need to enable the DO line, as it has already
been enabled by a previous IRS command 09h.
Send the 16 SCLK pulses and retrieve the data on
the DO line.
6) Repeat steps 3), 4), and 5) for every byte to be
read. Only the nibbles that are modified in the
PFAR register are required to be sent.
Program and Coefficient Memory
The program and coefficient memory, FLASH partition 0,
is addressed by the CPU and by the serial interface
sequentially from 0000h (0 dec) to 0FFFh (4095 dec).
Program execution by the CPU always begins at address
0000h and proceeds toward 0FFFh in 1-byte increments.


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com