Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 21Page - Maxim Integrated Products MAX1463 Datasheet HTML 22Page - Maxim Integrated Products MAX1463 Datasheet HTML 23Page - Maxim Integrated Products MAX1463 Datasheet HTML 24Page - Maxim Integrated Products MAX1463 Datasheet HTML 25Page - Maxim Integrated Products MAX1463 Datasheet HTML 26Page - Maxim Integrated Products MAX1463 Datasheet HTML 27Page - Maxim Integrated Products MAX1463 Datasheet HTML 28Page - Maxim Integrated Products MAX1463 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
______________________________________________________________________________________
25
SLX
Shift Left Register X
Op-code:
0110 XXXXBINARY 6Xh
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
1 cycle
Description:
Perform a 16-bit shift-left operation on the contents of
X-register. The most significant bit, bit 15, is truncated
and lost. If register X is any CPU register other than
register R6, then a zero is appended into the LSB, bit 0.
If X is CPU register R6, then the data appended into the
LSB bit 0 is copied from the MSB of register R4. The
contents of register R4 are not affected. The operation
does not preserve the two’s complement sign bit-15.
The operation is equivalent to an arithmetic multiplica-
tion by 2 on an unsigned integer value stored in regis-
ter X. The result is stored back into X-register.
The previous contents of X-register are overwritten
and lost.
Register X can be any of the 16 CPU registers.
PC is incremented once to point to the next instruction
in program memory.
Two’s complement data format is not preserved.
No branching occurs.
No other registers are affected.
SRX
Shift Right Register X
Op-code: 0111 XXXXBINARY 7Xh
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
1 cycle
Description:
Perform a 15-bit shift-right operation on the contents of
X-register, preserving the contents of the two’s comple-
ment sign bit-15 and propagating the sign bit, bit-15,
into bit-14. The least significant bit, bit 0, is truncated
and lost. The operation is equivalent to an arithmetic
division by 2. The result is stored back into X-register.
The previous contents of X-register are overwritten
and lost.
Register X can be any of the 16 CPU registers.
PC is incremented once to point to the next instruction
in program memory.
Two’s complement data format is preserved.
No branching occurs.
No other registers are affected.
INX
Increment Register X
Op-code:
1000 XXXXBINARY 8Xh
Operation:
X-register
← X-register + 1
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
1 cycle
Description:
Perform a 16-bit increment operation on the contents of
X-register. Should the increment result in an overflow,
the overflow bit is truncated and lost. The result is
stored back into X-register.
The previous contents of X-register are overwritten
and lost.
14
15
13 12
11
10
9
8
7
6
5
4
3
2
1
0
0
BIT :
14
15
13 12
11
10
9
8
7
6
5
4
3
2
1
0
BIT :
14
15
13 12
11
10
9
8
7
6
5
4
3
2
1
0
BIT :
REGISTER X
Operation when X
≠ 6h:
REGISTER R6
REGISTER M: R4
Operation when X = 6h:
14
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BIT :
REGISTER X
Operation


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com