Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 24Page - Maxim Integrated Products MAX1463 Datasheet HTML 25Page - Maxim Integrated Products MAX1463 Datasheet HTML 26Page - Maxim Integrated Products MAX1463 Datasheet HTML 27Page - Maxim Integrated Products MAX1463 Datasheet HTML 28Page - Maxim Integrated Products MAX1463 Datasheet HTML 29Page - Maxim Integrated Products MAX1463 Datasheet HTML 30Page - Maxim Integrated Products MAX1463 Datasheet HTML 31Page - Maxim Integrated Products MAX1463 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
MLT
Multiply
Op-code:
1111 0011BINARY F3h
Operation:
A-register | M-register
← N-register x M-register
PC-register
← PC + 1 (point to next instruction)
CPU Cycles required:
16 cycles
Description:
Perform a 16-bit by 16-bit arithmetic multiplication of
the M-register and the N-register producing a 32-bit
result. The 32-bit result is stored in two 16-bit registers;
the A-register receives the most significant word of the
result and the M-register receives the least significant
word of the result.
The A-register must be cleared to zero (CLX A) before
executing the MLT instruction.
The previous contents of A-register are overwritten
and lost.
The previous contents of M-register are overwritten
and lost.
The contents of the N-register are not altered.
The register op code must be 3h.
PC is incremented once to point to the next instruction
in program memory.
Two’s complement data format is preserved.
No branching occurs.
No other registers are affected.
Low-Power Two-Channel Sensor
Signal Processor
28
______________________________________________________________________________________
ADDRESS
REF
ALT NAME
FUNCTION
0h
R0
P
Pointer Register. This register contains the address of the instruction or data in FLASH
memory to be fetched.
1h
R1
A
Accumulator Register. This register generally contains the result of any operation
involving two or more registers. It is the accumulator for the multiregister operation
result and can be used effectively to carry data from one computation to the next. The
A-register can read and write data to and from any other CPU port or register.
2h
R2
General-Purpose Register. This register is used to hold intermediate calculation
results, calculation coefficients, loop counter values, event counter values, comparison
limit values, etc.
3h
R3
N
Multiplicand Register. This register has a dedicated function when executing a
multiply (MLT) instruction, but can be used as a general-purpose register otherwise.
The contents of the N-register are not modified by the MLT instruction.
4h
R4
M
Multiplier Register. This register has a dedicated function when executing a multiply
(MLT) instruction, but can be used as a general-purpose register otherwise. The
contents of the M-register are modified by the MLT instruction. The data contents prior
to the execution of the MLT instruction are overwritten with the LSBs resulting product,
and hence lost.
5h
R5
I
Index Register. The branch not zero (BNX) and branch positive (BPX) instructions test
the index register, I, for conditions to determine if branching should occur. If the index
register tests true for the condition to branch, then the contents of register-X are added
to the pointer register, therefore executing a branch in the program.
6h–Fh
R6–RF
General-Purpose Registers. Used to hold intermediate calculation results, calculation
coefficients, loop counter values, event counter values, comparison limit values, etc.
Table 1. CPU Registers


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com