Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 26Page - Maxim Integrated Products MAX1463 Datasheet HTML 27Page - Maxim Integrated Products MAX1463 Datasheet HTML 28Page - Maxim Integrated Products MAX1463 Datasheet HTML 29Page - Maxim Integrated Products MAX1463 Datasheet HTML 30Page - Maxim Integrated Products MAX1463 Datasheet HTML 31Page - Maxim Integrated Products MAX1463 Datasheet HTML 32Page - Maxim Integrated Products MAX1463 Datasheet HTML 33Page - Maxim Integrated Products MAX1463 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
30
______________________________________________________________________________________
MODULE
NAME
REGISTER
NAME
ADDRESS
DESCRIPTION
R/W
ADC_Control
00h
Initiate conversions and select ADC input.
R/W
ADC_Data_1
01h
Result of ADC conversion on channel 1 input.
R
ADC_Config_1A
02h
Settings for channel 1 input and conversion.
R/W
ADC_Config_1B
03h
Settings for channel 1 input and conversion.
R/W
ADC_Data_2
04h
Result of ADC conversion on channel 2 input.
R
ADC_Config_2A
05h
Settings for channel 2 input and conversion.
R/W
ADC_Config_2B
06h
Settings for channel 2 input and conversion.
R/W
ADC_Data_T
07h
Result of ADC conversion on temperature input.
R
ADC_Config_TA
08h
Settings for temperature input and conversion.
R/W
ADC
ADC_Config_TB
09h
Settings for temperature input and conversion.
R/W
DOP1_Data
10h
Input setting for the analog DAC and digital PWM outputs.
R/W
DOP1_Control
11h
Enable and reference selection.
R/W
DOP1
DOP1_Config
12h
Select DAC or PWM output.
R/W
DOP2_Data
13h
Input setting for the analog DAC and digital PWM outputs.
R/W
DOP2_Control
14h
Enable and reference selection.
R/W
DOP2
DOP2_Config
15h
Select DAC or PWM output.
R/W
TMR_Control
20h
Initiate timer.
R/W
Timer
TMR_Config
21h
Set prescaler value and timeout value.
R/W
Op Amp
Opamp_Config
30h
Set op amps as unity-gain buffers.
R/W
Power
PO_Control
31h
Turn on power to modules with power-control function.
R/W
Oscillator
OSC_Control
32h
Trim oscillator frequency, enable clock input/output.
R/W
ISRC
CS_Control
33h
Set current source output value.
R/W
GPIO1
GPIO1_Control
40h
Enable I/O, set output value, read input value.
R/W
GPIO2
GPIO2_Control
41h
Enable I/O, set output value, read input value.
R/W
Table 3. Module Registers
NAME
ADDRESS
DESCRIPTION
POR VALUE
ADC_Control
00h
Initiate conversions and set signal source.
0000h
ADC_Data_1
01h
Result of ADC conversion on channel 1 input.
0000h
ADC_Config_1A
02h
Settings for channel 1 input and conversion.
0000h
ADC_Config_1B
03h
Settings for channel 1 input and conversion.
0070h
ADC_Data_2
04h
Result of ADC conversion on channel 2 input.
0000h
ADC_Config_2A
05h
Settings for channel 2 input and conversion.
0000h
ADC_Config_2B
06h
Settings for channel 2 input and conversion.
0070h
ADC_Data_T
07h
Result of ADC conversion on temperature input.
0000h
ADC_Config_TA
08h
Settings for temperature input and conversion.
0000h
ADC_Config_TB
09h
Settings for temperature input and conversion.
0070h
Table 4. ADC Module Registers


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com