Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 30Page - Maxim Integrated Products MAX1463 Datasheet HTML 31Page - Maxim Integrated Products MAX1463 Datasheet HTML 32Page - Maxim Integrated Products MAX1463 Datasheet HTML 33Page - Maxim Integrated Products MAX1463 Datasheet HTML 34Page - Maxim Integrated Products MAX1463 Datasheet HTML 35Page - Maxim Integrated Products MAX1463 Datasheet HTML 36Page - Maxim Integrated Products MAX1463 Datasheet HTML 37Page - Maxim Integrated Products MAX1463 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
34
______________________________________________________________________________________
RESn[2:0]
RESOLUTION (BITS)
NO. OF FADC
CLOCKS PER
CONVERSION
000
9
256
001
10
320
010
12
512
011
13
640
100
14
800
101
15
1280
110
16
2048
Table 16. ADC Resolution (RESn[2:0],
where n = 1, 2, or T)
COARSE OFFSET ADDED AS % OF ADC
REFERENCE INPUT
*
PGAn =
0.94–60
PGAn =
73–105
PGAn =
133–240
COn[3:0]
00000 TO
01000
01010 TO
10000
10100 TO
11110
0111
+135
+266
+481
0110
+116
+229
+410
0101
+98
+193
+341
0100
+79
+158
+277
0011
+60
+117
+210
0010
+42
+79
+140
0001
+23
+44
+76
0000
+5
+9
+8
1000
+12
+23
+33
1001
-7
-15
-36
1010
-26
-50
-100
1011
-44
-87
-169
1100
-64
-130
-239
1101
-81
-166
-305
1110
-100
-202
-374
1111
-117
-238
-495
Table 18. Coarse-Offset DAC (3 Bits Plus
Sign, n = 1, 2, or T)
CONVERSION TIME (ms)
RESOLUTION
(BITS)
CLKn[2:0] =
000
CLKn[2:0] =
100
CLKn[2:0] =
111
9
0.256
4.096
32.768
10
0.320
5.120
40.960
12
0.512
8.192
65.536
13
0.640
10.240
81.920
14
0.800
12.800
102.400
15
1.280
20.480
163.840
16
2.048
32.768
262.140
Table 17. ADC Conversion Time
(RESn[2:0] and CLKn[2:0], where
n = 1, 2, or T)
BIASn[2:0]
FRACTION
OF FULL
BIAS
CURRENT
MAXIMUM
ADC CLOCK
FREQUENCY
(kHz)
CLKn[2:0]
000
1/8
125
011
001
2/8
250
011
010
3/8
250
010
011
4/8
500
010
100
5/8
500
001
101
6/8
500
001
110
7/8
1 MHz
000
111
8/8
1 MHz
000
Table 19. ADC Bias Current (BIASn[2:0],
where n = 1, 2, or T)
REFn[1:0]
ADC REFERENCE
00
VDD
01
VREF (external)
10
VBG x 4 (pseudo 5V)
Table 20. ADC Reference Voltage Source
(REFn[1:0], where n = 1 or 2)
*Measured at the ADC input.


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com