Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 38Page - Maxim Integrated Products MAX1463 Datasheet HTML 39Page - Maxim Integrated Products MAX1463 Datasheet HTML 40Page - Maxim Integrated Products MAX1463 Datasheet HTML 41Page - Maxim Integrated Products MAX1463 Datasheet HTML 42Page - Maxim Integrated Products MAX1463 Datasheet HTML 43Page - Maxim Integrated Products MAX1463 Datasheet HTML 44Page - Maxim Integrated Products MAX1463 Datasheet HTML 45Page - Maxim Integrated Products MAX1463 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
42
______________________________________________________________________________________
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register 00h ADC_Control
x
x
x
x
SE[3]
SE[2]
SE[1]
SE[0]
x
x
x
X
x
CNVT1
CNVT2
CNVTT
Register 01h ADC_Data_1 (for Channel Input 1, Uncompensated, and Read Only Register)
MSB
LSB
Register 02h ADC_Config_1A (for Channel 1)
PGA1[4] PGA1[3] PGA1[2] PGA1[1] PGA1[0] CLK1[2] CLK1[1] CLK1[0]
x
RES1[2] RES1[1] RES1[0]
CO1[3]
CO1[2]
CO1[1] CO1[0]
Register 03h ADC_Config_1B (for Channel 1)
x
x
x
x
x
x
x
x
x
BIAS1[2] BIAS1[1] BIAS1[0]
x
x
REF1[1] REF1[0]
Register 04h ADC_Data_2 (for Channel Input 1, Uncompensated, and Read Only Register)
MSB
LSB
Register 05h ADC_Config_2A (for Channel 2A)
PGA2[4] PGA2[3] PGA2[2] PGA2[1] PGA2[0] CLK2[2] CLK2[1] CLK2[0]
x
RES2[2] RES2[1] RES2[0] CO2[3]
CO2[2]
CO2[1] CO2[0]
Register 06h ADC_Config_2B (for Channel 2B)
x
x
x
x
x
x
x
x
x
BIAS2[2] BIAS2[1] BIAS2[0]
x
x
REF2[1] REF2[0]
Register 07h ADC Data_T (for Internal Temperature Input, Uncompensated, and Read Only Register)
MSB
LSB
Register 08h ADC_Config_TA (for Internal Temperature Input TA)
x
x
x
x
x
CLKT[2] CLKT[1] CLKT[0]
x
REST[2] REST[1] REST[0] COT[3]
COT[2]
COT[1] COT[0]
Register 09h ADC_Config_TB (for Internal Temperature Input TB)
x
X
X
X
X
X
X
X
X
BIAST[2] BIAST[1] BIAST[0]
x
x
x
x
Register 10h DOP1 Data (for DAC/PWM 1)
MSB
LSB
Register 11h DOP1 Control (for DAC/PWM 1)
x
x
x
x
x
x
x
x
x
x
x
ENPWM1
x
x
x
ENDA
C1
Register 12h DOP1 Configuration (for DAC/PWM 1)
x
x
x
x
x
x
x
SELPW
M1
x
x
x
SELDA
C1
x
x
x
SELRE
F1
Register 13h DOP2 Data (for DAC/PWM 2)
MSB
LSB
Register 14h DOP2 Control (for DAC/PWM 2)
x
x
x
x
x
x
x
x
x
x
x
ENPWM2
x
x
x
ENDA
C2
Register 15h DOP2 Configuration (for DAC/PWM 2)
x
x
x
x
x
x
x
SELPW
M2
x
x
x
SELDA
C2
x
x
x
SELRE
F2
Register 20h Timer Control
TMDN
TMEN
x
x
x
x
x
x
x
x
x
x
x
x
x
ENAHA
LT
Table 39. Module Registers Summary


Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results

Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com