Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2M440MS135ZN1112-6K Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 2M440MS135ZN1112-6K
Description  Ordering Information 2M440MS135, /MK135 and /ML135
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

2M440MS135ZN1112-6K Datasheet(HTML) 1 Page - Amphenol Corporation

  2M440MS135ZN1112-6K Datasheet HTML 1Page - Amphenol Corporation 2M440MS135ZN1112-6K Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
115
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
2M Thread-on BAND-IT® Adapter
Ordering Information 2M440MS135, /MK135 and /ML135
MAteRIAlS
Nut, Adapter
Aluminum Alloy or
300 Series SST
Band
300 Series SST
O-Ring
Silicone Elastomer
CAble eNtRy SIZe
02
.125
05-17
03
.188
05-17
04
.250
06-17
05
.312
07-17
06
.375
07-17
07
.438
08-17
08
.500
09-17
09
.562
10-17
10
.625
12-17
11
.688
14-17
12
.750
14-17
13
.812
14-17
14
.875
14-17
Part Number
Service Class
Size Code
Cable Entry Size
Length
Band Option
2M440MX135
M
07
05
-6
k
SIZe CODe
05 .2500-32
06 3125-32
11 .3750-32
07 .4375-28
08 .5000-28
09 .5625-24
10 .6250-24
12 .6875-24
13 .7500-20
14 .9375-20
17 1.1875-18
leNGth
Straight Entry 2M440MS135 Only
Length Code Length (inches)
-6
.750
-7
.875
-8
1.000
-9
1.125
-10
1.250
-11
1.375
-12
1.500
-13
1.625
-14
1.750
-15
1.875
-16
2.000
-17
2.125
-18
2.250
-19
2.375
-20
2.500
Specify Length in
increments of .125
inches (3.18 mm.)
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
PARt NUMbeR
2M440MS135 Straight
Entry
2M440Mk135 45° Entry
2M440ML135 90° Entry
Omit for no band supplied
K adapter is supplied with
BAND-IT® shield termination
band, pre-coiled
SeRVICe ClASS
Finish
C
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
Aluminum/Black Anodize
(Non-Conductive)
M
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
Aluminum/Electroless Nickel
NF
Aluminum/Cadmium with Olive
Drab Chromate
MT
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
Aluminum/Nickel-PTFE (Durmalon)
Z1
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
Stainless Steel/Passivated
ZN
Aluminum/Zinc-Nickel w/Olive
Drab Chromate
ZNU
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
Aluminum/Zinc-Nickel with Black
Chromate
Shell Size
Accessory
Thread
Size
Code
Series
2M801
Series
2M803
Series
2M804
Series
2M805
.2500-32 UNEF
05
5
5
5
.3125-32 UNEF
06
6
6
6
.3750-32 UNEF
11
8
.4375-28 UNEF
07
7
7
7
9
.5000-28 UNEF
08
8
8
8
10
.5625-24 UNEF
09
9
9
9
11
.6250-24 UNEF
10
10
10
10
12
.6875-24 UNEF
12
13
12
12
.7500-20 UNEF
13
15
.9375-20 UNEF
14
16,17
14, 15
14, 15
18, 19
1.1875-18 UNEF
17
21
23
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E


Similar Part No. - 2M440MS135ZN1112-6K

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2M4233A MOSPEC-2M4233A Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,75W)
logo
Taiwan Semiconductor Co...
2M43Z TSC-2M43Z Datasheet
320Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
More results

Similar Description - 2M440MS135ZN1112-6K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
Ordering information
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
ordering information
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com