Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2M440MS135ZN1112-6K Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 2M440MS135ZN1112-6K
Description  Ordering Information 2M440MS135, /MK135 and /ML135
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

2M440MS135ZN1112-6K Datasheet(HTML) 2 Page - Amphenol Corporation

  2M440MS135ZN1112-6K Datasheet HTML 1Page - Amphenol Corporation 2M440MS135ZN1112-6K Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
116
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Size
Code A Threads
B Max
C Max.
D Max.
E Max.
F Max.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
05
.2500-32
.470 11.94
.530 13.46 .660
16.76
.630
16.00
.780
19.81
06
.3125-32
.530 13.46
.550 13.97 .670
17.02
.660
16.76
.790
20.27
11
.3750-32
.570 14.48
.580 14.22 .680
17.27
.680
17.27
.810
20.57
07
.4375-28
.637 16.18
.570 14.48 .690
17.53
.700
17.48
.830
21.08
08
.5000-28
.700 17.78
.580 14.73 .700
17.78
.740
18.80
.860
21.84
09
.5625-24
.758 19.25
.590 14.99 .710
18.03
.770
19.56
.890
22.61
10
.6250-24
.819 20.80
.610 15.49 .730
18.54
.800
20.32
.920
23.37
12
.6875-24
.896 22.76
.640 16.26 .750
19.05
.840
21.34
.970
24.64
13
.7500-20
.930 23.62
.660 16.76 .770
19.56
.880
22.35 1.020
25.91
14
.9375-20 1.137 28.88
.690 17.53 .800
20.32
.950
24.13 1.090
27.69
17
1.1875-18 1.387 35.23
.720 18.29 .830
21.08 1.010
25.65 1.160
29.46
CABLE ENTRY
Cable
Entry
Code
H Dia.
J Dia.
k Dia.
Use With
Size
Codes
in.
± .015
mm.
± 0.38
in.
± .015
mm.
± 0.38
in.
± .015
mm.
± 0.38
02
.125
3.18
.164
4.17
.266
6.76
05-14
03
.188
4.78
.227
5.77
.329
8.36
05-14
04
.250
6.35
.289
7.34
.391
9.93
06-14
05
.312
7.92
.351
8.92
.453
11.51
07-14
06
.375
9.53
.414
10.52
.516
13.11
07-14
07
.438
11.13
.477
12.12
.579
14.71
08-14
08
.500
12.70
.539
13.69
.641
16.28
09-14
09
.562
14.27
.601
15.27
.703
17.86
10-14
10
.625
15.88
.664
16.87
.766
19.46
12-14
11
.688
17.48
.727
18.47
.829
21.06
14
12
.750
19.05
.789
20.04
.891
22.63
14
13
.812
20.62
.851
21.62
.953
24.21
14
14
.875
22.23
.914
23.22
1.016
25.81
14
CONNECTOR SHELL SIZE
Size
Code
A Threads
Shell Size
Series 2M801,
2M803, 2M804
Series
2M805
05
.2500-32 UNEF-2B
5
06
.3125-32 UNEF-2B
6
11
.3705-32 UNEF-2B
8
07
.4375-28 UNEF-2B
7
9
08
.5000-28 UNEF-2B
8
10
09
.5625-24 UNEF-2B
9
11
10
.6250-24 UNEF-2B
10
12
12
.6875-24 UNEF-2B
12, 13
13
.7500-20 UNEF-2B
15
14
.9375-20 UNEF-2B
14, 15, 16, 17
18, 19
17
1.1875-18 UNEF-2B
21
23
2M Thread-on BAND-IT® Adapter
2M440MS135, 2M440MK135 and 2M440ML135
STRAIGHT ENTRY ROTATABLE COUPLING 2M440MS135
45º ENTRY ROTATABLE COUPLING 2M440MK135
90º ENTRY ROTATABLE COUPLING 2M440ML135
E
F
C
D
A THREAD
O-RING
LENGTH
.260
6.60
H
.090/.080 2.29/2.03
J K
B
TYP


Similar Part No. - 2M440MS135ZN1112-6K

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2M4233A MOSPEC-2M4233A Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,75W)
logo
Taiwan Semiconductor Co...
2M43Z TSC-2M43Z Datasheet
320Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
More results

Similar Description - 2M440MS135ZN1112-6K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
Ordering information
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
ordering information
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com