Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32H742II Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 102Page - STMicroelectronics STM32H742II Datasheet HTML 103Page - STMicroelectronics STM32H742II Datasheet HTML 104Page - STMicroelectronics STM32H742II Datasheet HTML 105Page - STMicroelectronics STM32H742II Datasheet HTML 106Page - STMicroelectronics STM32H742II Datasheet HTML 107Page - STMicroelectronics STM32H742II Datasheet HTML 108Page - STMicroelectronics STM32H742II Datasheet HTML 109Page - STMicroelectronics STM32H742II Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
106/357
DS12110 Rev 10
6.3
Operating conditions
6.3.1
General operating conditions
Table 24. General operating conditions
Symbol
Parameter
Operating conditions
Min
Max
Unit
VDD
Standard operating voltage
-
1.62(1)
3.6
V
VDDLDO
Supply voltage for the internal regulator
VDDLDO ≤ VDD
1.62(1)
3.6
VDD33USB Standard operating voltage, USB domain
USB used
3.0
3.6
USB not used
0
3.6
VDDA
Analog operating voltage
ADC or COMP used
1.62
3.6
DAC used
1.8
OPAMP used
2.0
VREFBUF used
1.8
ADC, DAC, OPAMP,
COMP, VREFBUF not
used
0
VIN
I/O Input voltage
TT_xx I/O
−0.3
VDD+0.3
BOOT0
0
9
All I/O except BOOT0
and TT_xx
−0.3
Min(VDD, VDDA,
VDD33USB)+3.6V
< 5.5V(2)(3)
TA
Ambient temperature for
the suffix 6 version
Maximum power dissipation
–40
85
°C
Low-power dissipation(4)
–40
105
Ambient temperature for
the suffix 3 version
Maximum power dissipation
–40
125
Low-power dissipation(4)
–40
130
TJ
Junction temperature
range
Suffix 6 version
–40
125
°C
1. When RESET is released functionality is guaranteed down to VBOR0 min
2. This formula has to be applied on power supplies related to the IO structure described by the pin definition table.
3. For operation with voltage higher than Min (VDD, VDDA, VDD33USB) +0.3V, the internal Pull-up and Pull-Down resistors must
be disabled.
4. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 8.10:
Thermal characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com