Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1353610 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1353610
Description  HC-M-08-GBIT-CT-F-SH - Contact insert module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1353610 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1353610 Datasheet HTML 1Page - PHOENIX CONTACT 1353610 Datasheet HTML 2Page - PHOENIX CONTACT 1353610 Datasheet HTML 3Page - PHOENIX CONTACT 1353610 Datasheet HTML 4Page - PHOENIX CONTACT 1353610 Datasheet HTML 5Page - PHOENIX CONTACT 1353610 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Drawings
Dimensional drawing
48,7
14,6
Female insert
Diagram
0
5
15
0
20
40
60
80
100
120
[°C]
10
1
2
3
140
1
2
3
= 0,34mm2
= 0,50mm2
= 0,25 mm2
Derating diagram
HC-M-08-GBIT-CT-F-SH - Contact insert module
1353610
https://www.phoenixcontact.com/us/products/1353610
Nov 7, 2024, 5:53 AM
Page 4 (6)


Similar Part No. - 1353610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1353611 PHOENIX-1353611 Datasheet
277Kb / 6P
HC-M-08-MBIT-CT-M - Contact insert module
1353613 PHOENIX-1353613 Datasheet
279Kb / 6P
HC-M-08-MBIT-CT-F - Contact insert module
1353614 PHOENIX-1353614 Datasheet
277Kb / 6P
HC-M-08-MBIT-CT-M-2 - Contact insert module
1353617 PHOENIX-1353617 Datasheet
278Kb / 6P
HC-M-08-MBIT-CT-F-2 - Contact insert module
More results

Similar Description - 1353610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414355 PHOENIX-1414355 Datasheet
78Kb / 4P
Contact insert module - HC-M-12-CT-F
1414357 PHOENIX-1414357 Datasheet
79Kb / 4P
Contact insert module - HC-M-17-CT-F
1414359 PHOENIX-1414359 Datasheet
69Kb / 4P
Contact insert module - HC-M-03-CT-F
1414363 PHOENIX-1414363 Datasheet
78Kb / 4P
Contact insert module - HC-M-04-CT-F
1414370 PHOENIX-1414370 Datasheet
80Kb / 4P
Contact insert module - HC-M-08-CT-M
1414371 PHOENIX-1414371 Datasheet
80Kb / 4P
Contact insert module - HC-M-08-CT-F
1417302 PHOENIX-1417302 Datasheet
79Kb / 4P
Contact insert module - HC-M-08-GBIT-CT-M
1417303 PHOENIX-1417303 Datasheet
80Kb / 4P
Contact insert module - HC-M-08-GBIT-CT-F
1587713 PHOENIX-1587713 Datasheet
67Kb / 3P
Contact insert - HC-M-08-GBIT-STC
1587726 PHOENIX-1587726 Datasheet
67Kb / 3P
Contact insert - HC-M-08-GBIT-BUC
1424226 PHOENIX-1424226 Datasheet
111Kb / 7P
Contact insert module - HC-M-08-PT-F
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com