Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1353610 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1353610
Description  HC-M-08-GBIT-CT-F-SH - Contact insert module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1353610 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1353610 Datasheet HTML 1Page - PHOENIX CONTACT 1353610 Datasheet HTML 2Page - PHOENIX CONTACT 1353610 Datasheet HTML 3Page - PHOENIX CONTACT 1353610 Datasheet HTML 4Page - PHOENIX CONTACT 1353610 Datasheet HTML 5Page - PHOENIX CONTACT 1353610 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
General
Connectors may be operated only when there is no load/voltage.
Product properties
Product type
Modular contact insert
Series
HC-M-08-GBIT
Application
Data
Sensor type
Ethernet
Number of positions
8
Connection profile
8
Contact numbering
1 - 8
Number of module slots
1
Contact material type
turned
Shielded
yes
Data management status
Article revision
04
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Connection data
Connection technology
Connection technology
Crimp connection
Conductor connection
Conductor cross section
0.08 mm² ... 0.5 mm²
Connection cross section AWG
28 ... 20
Stripping length of the individual wire
4.2 mm
Dimensions
Dimensional drawing
Width
26.35 mm
Height
40.3 mm
Length
13.9 mm
Mechanical characteristics
Contact diameter
1 mm
HC-M-08-GBIT-CT-F-SH - Contact insert module
1353610
https://www.phoenixcontact.com/us/products/1353610
Nov 7, 2024, 5:53 AM
Page 2 (6)


Similar Part No. - 1353610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1353611 PHOENIX-1353611 Datasheet
277Kb / 6P
HC-M-08-MBIT-CT-M - Contact insert module
1353613 PHOENIX-1353613 Datasheet
279Kb / 6P
HC-M-08-MBIT-CT-F - Contact insert module
1353614 PHOENIX-1353614 Datasheet
277Kb / 6P
HC-M-08-MBIT-CT-M-2 - Contact insert module
1353617 PHOENIX-1353617 Datasheet
278Kb / 6P
HC-M-08-MBIT-CT-F-2 - Contact insert module
More results

Similar Description - 1353610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414355 PHOENIX-1414355 Datasheet
78Kb / 4P
Contact insert module - HC-M-12-CT-F
1414357 PHOENIX-1414357 Datasheet
79Kb / 4P
Contact insert module - HC-M-17-CT-F
1414359 PHOENIX-1414359 Datasheet
69Kb / 4P
Contact insert module - HC-M-03-CT-F
1414363 PHOENIX-1414363 Datasheet
78Kb / 4P
Contact insert module - HC-M-04-CT-F
1414370 PHOENIX-1414370 Datasheet
80Kb / 4P
Contact insert module - HC-M-08-CT-M
1414371 PHOENIX-1414371 Datasheet
80Kb / 4P
Contact insert module - HC-M-08-CT-F
1417302 PHOENIX-1417302 Datasheet
79Kb / 4P
Contact insert module - HC-M-08-GBIT-CT-M
1417303 PHOENIX-1417303 Datasheet
80Kb / 4P
Contact insert module - HC-M-08-GBIT-CT-F
1587713 PHOENIX-1587713 Datasheet
67Kb / 3P
Contact insert - HC-M-08-GBIT-STC
1587726 PHOENIX-1587726 Datasheet
67Kb / 3P
Contact insert - HC-M-08-GBIT-BUC
1424226 PHOENIX-1424226 Datasheet
111Kb / 7P
Contact insert module - HC-M-08-PT-F
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com