Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA382BWSTR Datasheet(PDF) 102 Page - STMicroelectronics

Part # STA382BWSTR
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWSTR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STA382BWSTR Datasheet HTML 98Page - STMicroelectronics STA382BWSTR Datasheet HTML 99Page - STMicroelectronics STA382BWSTR Datasheet HTML 100Page - STMicroelectronics STA382BWSTR Datasheet HTML 101Page - STMicroelectronics STA382BWSTR Datasheet HTML 102Page - STMicroelectronics STA382BWSTR Datasheet HTML 103Page - STMicroelectronics STA382BWSTR Datasheet HTML 104Page - STMicroelectronics STA382BWSTR Datasheet HTML 105Page - STMicroelectronics STA382BWSTR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 172 page
background image
Register description: New Map
STA382BWS
102/172
Doc ID 022784 Rev 1
else
{
BC_RES = 1;// Checksum error detected, set the error bit
}
Wait until the BCRES bit goes to 0, meaning that the checksum result bit has started to
be updated and everything is ok. Time-out of this operation (e.g. >1 ms) will indicate
checksum failure, and the MCU will handle this event
Enable automatic reset of the device in case of checksum error by setting the BCAUTO
bit. The BCRES bit will then be automatically checked by the STA382BWS, on each
audio frame, and a reset event will be triggered in case of checksum mismatch.
Periodically check the BC_RES status. A value of 1 indicates a checksum mismatch
has occurred and, therefore, that the device went through a reset cycle.
The previous example is intended for biquad CRC bank calculation, but it can be easily
extended to MDRC/XOver CRC computation.
6.38
MISC4 (address 0x7E)
The STA382BWS allows direct access to the RAM coefficients bypassing the indirect
access mechanism described in Section 6.24: User-defined coefficient control registers
(addr 0x27 - 0x37). Direct access is implemented as follows.
D7
D6
D5
D4
D3
D2
D1
D0
SMAP
reserved
reserved
reserved
reserved
reserved
WRA
CH12
10
00
00
0
0
Table 100.
Misc register 4
Bit
R/W
RST
Name
Description
7R/W
1
SMAP
‘1’ = NEW MAP
‘0’ = STMAP
1R/W
0
WRA
‘0’ = normal operations
‘1’ = enables the write-all procedure when using the
RAM coefficients direct access
0R/W
0
CH12
‘0’ = normal operations
‘1’ = enables the RAM coefficients direct access
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com