Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM261...ZNC Datasheet(PDF) 182 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 182 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 178Page - Texas Instruments AM261...ZNC Datasheet HTML 179Page - Texas Instruments AM261...ZNC Datasheet HTML 180Page - Texas Instruments AM261...ZNC Datasheet HTML 181Page - Texas Instruments AM261...ZNC Datasheet HTML 182Page - Texas Instruments AM261...ZNC Datasheet HTML 183Page - Texas Instruments AM261...ZNC Datasheet HTML 184Page - Texas Instruments AM261...ZNC Datasheet HTML 185Page - Texas Instruments AM261...ZNC Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 218 page
background image
6.11.5.16 Universal Asynchronous Receiver/Transmitter (UART)
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding subsections within Signal Descriptions and Detailed Description
sections.
For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in the device TRM.
6.11.5.16.1 UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
1
30
pF
PCB CONNECTIVITY REQUIREMENTS
td (Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
6.11.5.16.2 UART Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
4
tw(RX)
Pulse width, receive data bit, high or low
0.95U(1)
1.05U(1)
ns
5
tw(CTS)
Pulse width, receive start bit, high or low
0.95U(1)
ns
(1)
U = UART baud time = 1 / Programmed baud rate.
6.11.5.16.3 UART Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
f(baud)
Programmable baud rate
15pF
12
Mbps
30pF
0.115
2
tw(TX)
Pulse width, transmit data bit, high or low
U(1) – 2.2
U(1) + 2.2
ns
3
tw(RTS)
Pulse width, transmit start bit, high or low
U(1) – 2.2
ns
1
td(CTS-TX)
Delay time, receive CTS bit to transmit data
30
ns
(1)
U = UART baud time = 1 / Programmed baud rate.
Figure 6-86. UART Timing Requirements and Switching Characteristics
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
182
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com