Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3715 Datasheet(PDF) 111 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 111 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 107Page - ams-OSRAM AG AS3715 Datasheet HTML 108Page - ams-OSRAM AG AS3715 Datasheet HTML 109Page - ams-OSRAM AG AS3715 Datasheet HTML 110Page - ams-OSRAM AG AS3715 Datasheet HTML 111Page - ams-OSRAM AG AS3715 Datasheet HTML 112Page - ams-OSRAM AG AS3715 Datasheet HTML 113Page - ams-OSRAM AG AS3715 Datasheet HTML 114Page - ams-OSRAM AG AS3715 Datasheet HTML 115Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 159 page
background image
Page 110
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 120:
ResetControl
Addr:36h
ResetControl
Bit
Bit Name
Default
Access
Bit Description
7mask_ovtemp
0
RW
Inhibit reset caused by over temperature of SD4
0 : Over temperature of SD4 causes reset
1 : Over temperature of SD4 causes interrupt only
6:3
reset_reason
b0000
RW_SM
Flags to indicate to the software the reason for the last reset
0 : VPOR has been reached (battery or charger insertion
from scratch)
1 : ResVoltFall was reached (battery voltage drop below
2.75V)
2 : Software forced by force_reset
3 : Wakeup from power OFF by ON key
4 : Wakeup from power OFF by charger
5 : Reset caused by XRES pin
6 : Reset caused by overtemperature T140
7 : Reset caused by watchdog
8 : Reset caused by 8 seconds ON key press
9 : Reset caused by overtemperature T140 of subdie (SD4)
10 : Wakeup from standby mode by interrupt
11 : Wakeup from standby mode by ON key
12 : Wakeup from standby mode or power OFF by EN1 pin
13 : Wakeup from standby mode or power OFF by EN2 pin
14 : Wakeup from standby mode or power OFF by EN3 pin
15 : Wakeup from standby mode or power OFF by EN4 pin
2
on_input
0
R_PUSH1
Read:This flag represents the state of the ON pad directly
Write: Setting to 1 resets the 4/8 sec. ON key reset timer
1power_off
0
RW_SM
Setting to 1 starts a reset cycle, but waits after the Reg_off
state for a rising edge on the pin ON or until the charger is
detected
0
force_reset
0
RW
Setting to 1 starts a complete reset cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com