Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HLB123SA Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HLB123SA
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HLB123SA Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HLB123SA Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HLB123SA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HLB123SA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HLB123SA Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HLB123SA Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200601
Issued Date : 2006.12.01
Revised Date : 2006.12.28
Page No. : 3/5
HLB123SA
HSMC Product Specification
IC & Ton
0.1
1
10
0.1
1
10
IC (A)
VCE=125V
IC=5IB1=-5IB2
IC & Ts
0.01
0.1
1
10
0.1
1
10
IC (A)
VCE=125V
IC=5IB1=-5IB2
IC & Toff
0.1
1
0.1
1
10
IC (A)
VCE=125V
IC=5IB1=-5IB2


Similar Part No. - HLB123SA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HLB123 HSMC-HLB123 Datasheet
38Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HLB123D HSMC-HLB123D Datasheet
38Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HLB123I HSMC-HLB123I Datasheet
36Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HLB123SA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HI41C HSMC-HI41C Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com