Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6215C Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST6215C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6215C Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST6215C Datasheet HTML 97Page - STMicroelectronics ST6215C Datasheet HTML 98Page - STMicroelectronics ST6215C Datasheet HTML 99Page - STMicroelectronics ST6215C Datasheet HTML 100Page - STMicroelectronics ST6215C Datasheet HTML 101Page - STMicroelectronics ST6215C Datasheet HTML 102Page - STMicroelectronics ST6215C Datasheet HTML 103Page - STMicroelectronics ST6215C Datasheet HTML 104Page - STMicroelectronics ST6215C Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
ST6215C/ST6225C
101/105
DEVELOPMENT TOOLS (Cont’d)
STMicroelectronics Tools
Four types of development tool are offered by ST, all of them connect to a PC via a parallel or serial port:
see Table 26 and Table 27 for more details.
Table 26. STMicroelectronics Tool Features
Table 27. Dedicated STMicroelectronics Development Tools
Emulation Type
Programming Capability
Software Included
ST6 Starter Kit
Device simulation (limited
emulation as interrupts are
not supported)
Yes (DIP packages only)
MCU CD ROM with:
– Rkit-ST6 from Raisonance
– ST6 Assembly toolchain
– WGDB6 powerful Source Level
Debugger for Win 3.1, Win 95
and NT
– Various software demo ver-
sions.
– Windows Programming Tools
for Win 3.1, Win 95 and NT
ST6 HDS2 Emulator
In-circuit powerful emula-
tion features including
trace/ logic analyzer
No
ST6 EPROM
Programmer Board
No
Yes (All packages except
SSOP)
Supported Products
ST6 Starter Kit
ST6 HDS2 Emulator
ST6 Programming Board
ST6215C and ST6225C
ST622XC-KIT
Complete:
ST62GP-EMU2
Dedication board:
ST62GP-DBE
ST62E2XC-EPB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com