Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST90135 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 133Page - STMicroelectronics ST90135 Datasheet HTML 134Page - STMicroelectronics ST90135 Datasheet HTML 135Page - STMicroelectronics ST90135 Datasheet HTML 136Page - STMicroelectronics ST90135 Datasheet HTML 137Page - STMicroelectronics ST90135 Datasheet HTML 138Page - STMicroelectronics ST90135 Datasheet HTML 139Page - STMicroelectronics ST90135 Datasheet HTML 140Page - STMicroelectronics ST90135 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 190 page
background image
137/190
ST90158 - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
9.4.7 S-Bus Interface
The S-bus is a three-wire bidirectional data-bus,
possessing functional features similar to the I
2C-
bus. As opposed to the I2C-bus, the Start/Stop
conditions are determined by encoding the infor-
mation on 3 wires rather than on 2, as shown in
Figure 71. The additional line is referred as SEN.
SPI Working with S-bus
The S-bus protocol uses the same pin configura-
tion as the I2C-bus for generating the SCL and
SDA lines. The additional SEN line is managed
through a standard ST9 I/O port line, under soft-
ware control (see Figure 67).
Figure 70. Mixed S-bus and I2C-bus System
n
Figure 71. S-bus Configuration
n
12
3
4
5
6
START
STOP
VA00440
SCL
SDA
SEN
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com