Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST92F120JR9T Datasheet(PDF) 275 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 275 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 271Page - STMicroelectronics ST92F120JR9T Datasheet HTML 272Page - STMicroelectronics ST92F120JR9T Datasheet HTML 273Page - STMicroelectronics ST92F120JR9T Datasheet HTML 274Page - STMicroelectronics ST92F120JR9T Datasheet HTML 275Page - STMicroelectronics ST92F120JR9T Datasheet HTML 276Page - STMicroelectronics ST92F120JR9T Datasheet HTML 277Page - STMicroelectronics ST92F120JR9T Datasheet HTML 278Page - STMicroelectronics ST92F120JR9T Datasheet HTML 279Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 320 page
background image
275/320
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Bit 0 = IBD
Invalid Bit Detect.
The IBD bit gets set whenever the receiver detects
that the filtered VPWI pin was not fixed in a state
long enough to reach the minimum valid symbol
time of Tv1 (or 35
µs). Any timing event less than
35
µs (and, of course, > 7 µs since the VPWI digit-
al filter will not allow pulses less than this through
its filter) is considered as noise and sets the IBD
accordingly. At this point the JBLPD peripheral will
cease transmitting and receiving any information
until a valid EOF symbol is received.
IBD errors are inhibited if the JBLPD peripheral is
in the “sleep or filter and NOT presently transmit-
ting” mode. An IBD error occurs once for a frame.
Afterwards, the receiver is disabled until an EOFM
symbol is received, and queued transmits for the
present frame are cancelled (but the TRA bit is not
set).
IBD is cleared when ERROR is read. Note that if
an invalid bit is detected during a bus idle condi-
tion, the IBD flag gets set and a new EOFmin must
be seen after the invalid bit before commencing to
receive again. IBD is also cleared while the CON-
TROL.JE bit is reset or while the CONTROL.JDIS
bit is set and on reset.
0: No invalid bit detected
1: Invalid bit detected
JBLPD INTERRUPT VECTOR REGISTER (IVR)
R248- Read/Write (except bits 2:1)
Register Page: 23
Reset Value: xxxx xxx0 (xxh)
Bit 7:3 = V[7:3]
Interrupt Vector Base Address.
User programmable interrupt vector bits.
Bit 2:1 = EV[2:1]
Encoded Interrupt Source (Read
Only).
EV2 and EV1 are set by hardware according to the
interrupt source, given in Table 51 (refer to the
Status register bits description about the explana-
tion of the meaning of the interrupt sources)
Table 51. Interrupt Sources
Bit 0 =
Reserved.
JBLPD PRIORITY LEVEL REGISTER (PRLR)
R249- Read/Write
Register Page: 23
Reset Value: 0001 0000 (10h)
Bit 7:5 = PRL[2:0]
Priority level bits
The priority with respect to the other peripherals
and the CPU is encoded with these three bits. The
value of “0” has the highest priority, the value “7”
has no priority. After the setting of this priority lev-
el, the priorities between the different Interrupt
sources and DMA of the JBLPD peripheral is hard-
ware defined (refer to the “Status register” bits de-
scription, the “Interrupts Management” and the
section about the explanation of the meaning of
the interrupt sources).
Depending
on
the
value
of
the
OP-
TIONS.DMASUSP bit, the DMA transfers can or
cannot be suspended by an ERROR or TLA event.
Refer to the description of DMASUSP bit.
Table 52. Internal Interrupt and DMA Priorities
without DMA suspend mode
Table 53. Internal Interrupt and DMA Priorities
with DMA suspend mode
70
V7
V6
V5
V4
V3
EV2
EV1
-
EV2
EV1
Interrupt Sources
0
0
ERROR, TLA
0
1
EODM, EOFM
1
0
RDRF, REOB
1
1
TRDY, TEOB
70
PRL2
PRL1
PRL0
SLP
-
-
REOBP TEOBP
Priority Level
Event Sources
Higher Priority
TX-DMA
RX-DMA
ERROR, TLA
EODM, EOFM
RDRF, REOB
Lower Priority
TRDY, TEOB
Priority Level
Event Sources
Higher Priority
ERROR, TLA
TX-DMA
RX-DMA
EODM, EOFM
RDRF, REOB
Lower Priority
TRDY, TEOB
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com