Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST92F120JR9T Datasheet(PDF) 312 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 312 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 308Page - STMicroelectronics ST92F120JR9T Datasheet HTML 309Page - STMicroelectronics ST92F120JR9T Datasheet HTML 310Page - STMicroelectronics ST92F120JR9T Datasheet HTML 311Page - STMicroelectronics ST92F120JR9T Datasheet HTML 312Page - STMicroelectronics ST92F120JR9T Datasheet HTML 313Page - STMicroelectronics ST92F120JR9T Datasheet HTML 314Page - STMicroelectronics ST92F120JR9T Datasheet HTML 315Page - STMicroelectronics ST92F120JR9T Datasheet HTML 316Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 320 page
background image
312/320
ST92F120 - ELECTRICAL CHARACTERISTICS
I2C/DDC-BUS TIMING TABLE
(VDD =5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the undefined region of the falling
edge of SCL
(2) The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of SCL signal
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
Cb = total capacitance of one bus line in pF
FREQ[ 2:0] = Frequency bits value of I2C Own Address Register 2 (I2COAR2)
Symbol
Parameter
Formula
Protocol Specifications
Unit
Standard I2CFast I2C
Min
Max
Min
Max
fINTCLK
Internal Frequency (Slave Mode)
2.5
MHz
fSCL
SCL clock frequency
0
100
0
400
kHz
TBUF
Bus free time between a STOP and START
condition
4.7
1.3
µs
THIGH
SCL clock high period
4.0
0.6
µs
TLOW
SCL clock low period
Standard Mode
Fast Mode
THIGH –3 x Tck
2x (THIGH – 3 x Tck)
4.7
1.3
µs
THD:STA
Hold time START condition. After this period,
the first clock pulse is generated
TLOW + Tck
4.0
0.6
µs
TSU:STA Set-up time for a repeated START condition
TLOW +THIGH –THD:STA
4.7
0.6
µs
THD:DAT Data hold time
FREQ[2:0] = 000
FREQ[2:0] = 001
FREQ[2:0] = 010
FREQ[2:0] = 011
3x Tck
4x Tck
4x Tck
10 x Tck
0 (1)
0 (1)
0.9 (2)
ns
TSU:DAT
Data set-up time
(Without SCL stretching)
TLOW –THD:DAT
250
100
ns
Data set-up time
(With SCL stretching)
FREQ[2:0] = 000
FREQ[2:0] = 001
FREQ[2:0] = 010
FREQ[2:0] = 011
7x Tck
15 x Tck
15 x Tck
31 x Tck
TR
Rise time of both SDA and SCL signals
1000
20+
0.1Cb
ns
TF
Fall time of both SDA and SCL signals
300
20+
0.1Cb
ns
TSU:STO Set-up time for STOP condition
TLOW +THIGH –THD:STA
4.0
0.6
ns
Cb
Capacitive load for each bus line
400
400
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com