Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M16C/62A Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 450Page - Renesas Technology Corp M16C/62A Datasheet HTML 451Page - Renesas Technology Corp M16C/62A Datasheet HTML 452Page - Renesas Technology Corp M16C/62A Datasheet HTML 453Page - Renesas Technology Corp M16C/62A Datasheet HTML 454Page - Renesas Technology Corp M16C/62A Datasheet HTML 455Page - Renesas Technology Corp M16C/62A Datasheet HTML 456Page - Renesas Technology Corp M16C/62A Datasheet HTML 457Page - Renesas Technology Corp M16C/62A Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-137
2.7.13 Absolute Accuracy and Differential Non-Linearity Error
• Absolute accuracy
Absolute accuracy is the difference between output code based on the theoretical A-D conversion
characteristics, and actual A-D conversion result. When measuring absolute accuracy, the voltage at
the middle point of the width of analog input voltage (1-LSB width), that can meet the expectation of
outputting an equal code based on the theoretical A-D conversion characteristics, is used as an ana-
log input voltage. For example, if 10-bit resolution is used and if VREF (reference voltage) = 5.12 V,
then 1-LSB width becomes 5 mV, and 0 mV, 5 mV, 10 mV, 15 mV, 20 mV, ···· are used as analog input
voltages. If analog input voltage is 25 mV, “absolute accuracy =
± 3LSB” refers to the fact that actual
A-D conversion falls on a range from “00216” to ”00816” though an output code, “00516”, can be ex-
pected from the theoretical A-D conversion characteristics. Zero error and full-scale error are included
in absolute accuracy.
Also, all the output codes for analog input voltage between VREF and AVcc becomes “3FF16”.
00016
00116
00216
00316
00416
00516
00616
0
Analog input voltage (mV)
Theoretical A-D conversion
characteristic
5
10 1520
253035
40
45
5055
00716
00816
00916
00A16
00B16
+3LSB
–3LSB
Output code
(result of A-D conversion)
Figure 2.7.26. Absolute accuracy (10-bit resolution)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com