Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPCA8036-H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCA8036-H
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8036-H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCA8036-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8036-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8036-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8036-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8036-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8036-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8036-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCA8036-H
2008-08-18
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cutoff current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 0.5 mA
1.3
2.3
V
VGS = 4.5 V, ID = 19 A
3.4
4.8
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 19 A
2.8
4.2
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 19 A
57
113
S
Input capacitance
Ciss
3500
4600
Reverse transfer capacitance
Crss
230
370
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
690
pF
Gate resistance
rg
VDS = 10 V, VGS = 0 V, f = 1 MHz
1.0
1.5
Ω
Rise time
tr
4.7
Turn-on time
ton
14
Fall time
tf
7.7
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
48
ns
VDD ≈ 24 V, VGS = 10 V, ID = 38 A
50
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ≈ 24 V, VGS = 5 V, ID = 38 A
26
Gate-source charge 1
Qgs1
11
Gate-drain (“Miller”) charge
Qgd
7.8
Gate switch charge
QSW
VDD ≈ 24 V, VGS = 10 V, ID = 38 A
13
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
114
A
Forward voltage (diode)
VDSF
IDR = 38 A, VGS = 0 V
−1.2
V
VDD ≈ 15 V
0 V
VGS
10 V
ID = 19A
VOUT


Similar Part No. - TPCA8036-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8036-H TOSHIBA-TPCA8036-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8036-H VBSEMI-TPCA8036-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPCA8036-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8040-H TOSHIBA-TPC8040-H Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8035-H TOSHIBA-TPC8035-H Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8039-H TOSHIBA-TPC8039-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8036-H TOSHIBA-TPC8036-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8028-H TOSHIBA-TPCA8028-H Datasheet
195Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com