Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPD-740-5-0.9 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # EPD-740-5-0.9
Description  Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

EPD-740-5-0.9 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  EPD-740-5-0.9 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH EPD-740-5-0.9 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photodiode
Preliminary
6/28/2007
rev. 02/07
Wavelength
Infrared
Miscellaneous Parameters
Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
A
0.62
mm²
Temperature coefficient of ID
TC(ID)
5
%/K
Tamb
-20 to +85
°C
Tstg
-40 to +125
°C
Tsld
260
°C
ϕ
20
deg.
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test conditions
Symbol
Min
Typ
Max
Unit
Breakdown voltage
1)
IR = 10 µA
VR
5
V
Dark current
VR = 5 V
ID
40
200
pA
Peak sensitivity wavelength
VR = 0 V
λ
p
740
nm
Responsivity at
λ
P
VR = 0 V
Sλ
0.5
A/W
Spectral range at 10 %
VR = 0 V
λ
0.5
680
770
nm
Spectral bandwidth at 50%
VR = 0 V
∆λ
0.4
80
nm
Shunt resistance
VR = 10 mV
RSH
300
G
Noise equivalent power
λ = 740 nm
NEP
7.2x10
-15
Specific detectivity
λ = 740 nm
D*
1.1x10
13
Junction capacitance
VR = 0 V
CJ
120
pF
Switching time (RL = 50
)
VR = 5 V
tr, tf
170
ns
Photo-current at
λ
P
2)
VR = 0 V
Ee = 1mW/cm²
IPh
15
µA
1)for information only
2) Halogen lamp source with appropriate filter
Note: All measurements carried out with EPIGAP equipment
Labeling
Type
Lot N°
EPD-740-5-0.9
Note: Special packages with standoff available on request
Applications
Description
Selective photodiode mounted in standard 5 mm
package without standoff. Narrow response
range (740 nm peak) by means of integrated filter
Active area
Acceptance angle at 50% Sλ
Operating temperature range
Storage temperature range
Soldering Temperature
EPD-740-5-0.9
Type
Parameter
Case
5 mm plastic lens
Technology
AlGaAs/GaAs
water clear
Optical communications, safety equipment, light
barriers
RD (typ.) [G ]
Quantity
Test сonditions
t
≤ 3 s, 3 mm from case
9
- 0,5
31,8
- 1,7
2
- 1,0
1,1
- 0,1
0,6
- 0,2
6
- 0,3
Anode
Hz
W/
1
W
Hz
cm
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2


Similar Part No. - EPD-740-5-0.9

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
Photodiode
More results

Similar Description - EPD-740-5-0.9

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
Photodiode
EPD-365-0-0.9-1 EPIGAP-EPD-365-0-0.9-1 Datasheet
65Kb / 2P
Photodiode
EPD-365-0-2.5 EPIGAP-EPD-365-0-2.5 Datasheet
53Kb / 2P
Photodiode
EPD-365-0-3.6 EPIGAP-EPD-365-0-3.6 Datasheet
54Kb / 2P
Photodiode
EPD-440-0-0.9 EPIGAP-EPD-440-0-0.9 Datasheet
51Kb / 2P
Photodiode
EPD-525-5-0.9 EPIGAP-EPD-525-5-0.9 Datasheet
189Kb / 2P
Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
Photodiode
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com