Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPD-740-5-0.9 Datasheet(PDF) 2 Page - EPIGAP optoelectronic GmbH

Part # EPD-740-5-0.9
Description  Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

EPD-740-5-0.9 Datasheet(HTML) 2 Page - EPIGAP optoelectronic GmbH

  EPD-740-5-0.9 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH EPD-740-5-0.9 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photodiode
Preliminary
6/28/2007
rev. 02/07
EPD-740-5-0.9
600
650
700
750
800
850
0,0
0,2
0,4
0,6
0,8
1,0
Wavelength (nm)
Typical responsivity spectrum
-40
-20
0
20
40
60
0,92
0,96
1,00
1,04
Ambient temperature [°C]
Short-circuit current vs. ambient temperature
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
Irradiance [mW/cm
2]
Short-circuit current vs. irradiance (typical)
2)
-40
-20
0
20
40
60
80
100
120
0,1
1
10
100
Temperature (°C)
U
R
= 5V
TK = 1,05 times/K
Dark Current vs. Temperature
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


Similar Part No. - EPD-740-5-0.9

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
Photodiode
More results

Similar Description - EPD-740-5-0.9

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
Photodiode
EPD-365-0-0.9-1 EPIGAP-EPD-365-0-0.9-1 Datasheet
65Kb / 2P
Photodiode
EPD-365-0-2.5 EPIGAP-EPD-365-0-2.5 Datasheet
53Kb / 2P
Photodiode
EPD-365-0-3.6 EPIGAP-EPD-365-0-3.6 Datasheet
54Kb / 2P
Photodiode
EPD-440-0-0.9 EPIGAP-EPD-440-0-0.9 Datasheet
51Kb / 2P
Photodiode
EPD-525-5-0.9 EPIGAP-EPD-525-5-0.9 Datasheet
189Kb / 2P
Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
Photodiode
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com