Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320DM647 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 144 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 140Page - Texas Instruments TMS320DM647 Datasheet HTML 141Page - Texas Instruments TMS320DM647 Datasheet HTML 142Page - Texas Instruments TMS320DM647 Datasheet HTML 143Page - Texas Instruments TMS320DM647 Datasheet HTML 144Page - Texas Instruments TMS320DM647 Datasheet HTML 145Page - Texas Instruments TMS320DM647 Datasheet HTML 146Page - Texas Instruments TMS320DM647 Datasheet HTML 147Page - Texas Instruments TMS320DM647 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
Table 6-69. PCI Back End Configuration Registers (continued)
DSP ACCESS
ACRONYM
DSP ACCESS REGISTER NAME
HEX ADDRESS RANGE
0x0204 8530
-
Reserved
0x0204 8534
PCICPBPTRMIR
PCI Capabilities Pointer Mirror Register
0x0204 8538 - 0x0204 853B
-
Reserved
0x0204 853C
PCILGINTMIR
PCI Max Latency/Min Grant/Interrupt Pin/Interrupt Line Mirror Register
0x0204 8540 - 0x0204 857F
-
Reserved
0x0204 8580
PCISLVCNTL
PCI Slave Control Register
0x0204 8584 - 0x0204 85BF
-
Reserved
0x0204 85C0
PCIBAR0TRL
PCI Slave Base Address 0 Translation Register
0x0204 85C4
PCIBAR1TRL
PCI Slave Base Address 1 Translation Register
0x0204 85C8
PCIBAR2TRL
PCI Slave Base Address 2 Translation Register
0x0204 85CC
PCIBAR3TRL
PCI Slave Base Address 3 Translation Register
0x0204 85D0
PCIBAR4TRL
PCI Slave Base Address 4 Translation Register
0x0204 85D4
PCIBAR5TRL
PCI Slave Base Address 5 Translation Register
0x0204 85D8 - 0x0204 85DF
-
Reserved
0x0204 85E0
PCIBAR0MIR
PCI Base Address Register 0 Mirror Register
0x0204 85E4
PCIBAR1MIR
PCI Base Address Register 1 Mirror Register
0x0204 85E8
PCIBAR2MIR
PCI Base Address Register 2 Mirror Register
0x0204 85EC
PCIBAR3MIR
PCI Base Address Register 3 Mirror Register
0x0204 85F0
PCIBAR4MIR
PCI Base Address Register 4 Mirror Register
0x0204 85F4
PCIBAR5MIR
PCI Base Address Register 5 Mirror Register
0x0204 85F8 - 0x0204 86FF
-
Reserved
0x0204 8700
PCIMCFGDAT
PCI Master Configuration/IO Access Data Register
0x0204 8704
PCIMCFGADR
PCI Master Configuration/IO Access Address Register
0x0204 8708
PCIMCFGCMD
PCI Master Configuration/IO Access Command Register
0x0204 870C - 0x0204 870F
-
Reserved
0x0204 8710
PCIMSTCFG
PCI Master Configuration Register
Table 6-70. PCI Hook Configuration Registers
DSP ACCESS
ACRONYM
DSP ACCESS REGISTER NAME
HEX ADDRESS RANGE
0x0204 8794
PCIVENDEVPRG
PCI Vendor ID and Device ID Program Register
0x0204 8798
PCICMDSTATPRG PCI Command and Status Program Register
0x0204 879C
PCICLREVPRG
PCI Class Code and Revision ID Program Register
0x0204 87A0
PCISUBIDPRG
PCI Subsystem Vendor ID and Subsystem ID Program Register
0x0204 87A4
PCIMAXLGPRG
PCI Max Latency and Min Grant Program Register
0x0204 87A8
PCILRSTREG
PCI LRESET Register
0x0204 87AC
PCICFGDONE
PCI Configuration Done Register
0x0204 87B0
PCIBAR0MPRG
PCI Base Address Mask Register 0 Program Register
0x0204 87B4
PCIBAR1MPRG
PCI Base Address Mask Register 1 Program Register
0x0204 87B8
PCIBAR2MPRG
PCI Base Address Mask Register 2 Program Register
0x0204 87BC
PCIBAR3MPRG
PCI Base Address Mask Register 3 Program Register
0x0204 87C0
PCIBAR4MPRG
PCI Base Address Mask Register 4 Program Register
0x0204 87C4
PCIBAR5MPRG
PCI Base Address Mask Register 5 Program Register
0x0204 87C8
PCIBAR0PRG
PCI Base Address Register 0 Program Register
0x0204 87CC
PCIBAR1PRG
PCI Base Address Register 1 Program Register
0x0204 87D0
PCIBAR2PRG
PCI Base Address Register 2 Program Register
144
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com