Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320DM647 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 172 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 168Page - Texas Instruments TMS320DM647 Datasheet HTML 169Page - Texas Instruments TMS320DM647 Datasheet HTML 170Page - Texas Instruments TMS320DM647 Datasheet HTML 171Page - Texas Instruments TMS320DM647 Datasheet HTML 172Page - Texas Instruments TMS320DM647 Datasheet HTML 173Page - Texas Instruments TMS320DM647 Datasheet HTML 174Page - Texas Instruments TMS320DM647 Datasheet HTML 175Page - Texas Instruments TMS320DM647 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 181 page
background image
GPIx
GPOx
4
3
2
1
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
6.23.2 GPIO Peripheral Input/Output Electrical Data/Timing
Table 6-95. Timing Requirements for GPIO Inputs(1) (see Figure 6-55)
720, 800, 900,
1100
NO.
UNIT
MIN
MAX
1
tw(GPIH)
Pulse duration, GPIx high
12P
ns
2
tw(GPIL)
Pulse duration, GPIx low
12P
ns
(1)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have the device
recognize the GPIx changes through software polling of the GPIO register, the GPIx duration must be extended to allow the device
enough time to access the GPIO register through the internal bus. P = 1/CPU clock frequency in ns.
Table 6-96. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-55)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
3
tw(GPOH)
Pulse duration, GPOx high
6P(1)
ns
4
tw(GPOL)
Pulse duration, GPOx low
6P(1)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity. P = 1/CPU clock frequency in ns.
Figure 6-55. GPIO Port Timing
172
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com