Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LX1704 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1704
Description  2W Filter less Stereo Class-D Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1704 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1704 Datasheet HTML 1Page - Microsemi Corporation LX1704 Datasheet HTML 2Page - Microsemi Corporation LX1704 Datasheet HTML 3Page - Microsemi Corporation LX1704 Datasheet HTML 4Page - Microsemi Corporation LX1704 Datasheet HTML 5Page - Microsemi Corporation LX1704 Datasheet HTML 6Page - Microsemi Corporation LX1704 Datasheet HTML 7Page - Microsemi Corporation LX1704 Datasheet HTML 8Page - Microsemi Corporation LX1704 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LX1704
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, 800-877-6458, Fax: 714-893-2570
Page 4
2W Filter less Stereo Class-D Amplifier
TM
®
Copyright
© 2009
Rev.1.4, 2009-02-23
ELECTRI CAL CHARACTERISTICS
The following specifications apply over the operating ambient temperature 0 < TA < 70°C except where otherwise noted and the following
test conditions: PVDD = VDD = 5.0V, PVSS = VSS = 0V, RL = 4Ω
LX1704
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD PVDD
2.5
5.5
V
Oscillator Frequency
fSW
VDD = PVDD = 2.5 to 5.5V
200
kHz
VDD = PVDD = 5V
2.5
5
Supply Current: Quiescent
IQQ
No Load
VDD = PVDD = 3.3V
2
4
mA
Supply Current: Shutdown Mode
IQQSD
Disable Pin Active
1
µA
Power Supply Rejection Ratio
PSRR
VDD = PVDD = 2.5V to 5.5V
55
60
dB
Input Resistance
RIN
VDD = PVDD = 2.5V to 5.5V Single Ended
18
KΩ
Output DC Offset
VOFF
Input Shorted to GND
-50
+50
mV
P Channel
350
VDD = PVDD = 5V
N Channel
350
P Channel
470
VDD = PVDD = 3.3V
N Channel
470
P Channel
600
Static Drain-to-Source ON-
Resistance
RDSON
VDD = PVDD = 2.5V
N Channel
600
mΩ
Stage Gain
GH
VDD = PVDD = 2.5V to 5.5V
9
10
11
V/V
Thermal Indicator Junction
TJ
150
°C
Under Voltage Threshold Level
VDD
1.8
2.0
2.2
V
Enable Threshold
EN
2.10
2.25
2.40
V


Similar Part No. - LX1704

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
2W Filter less Stereo Class-D Amplifier
LX1704CLQ MICROSEMI-LX1704CLQ Datasheet
612Kb / 12P
2W Filter less Stereo Class-D Amplifier
More results

Similar Description - LX1704

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
2W Filter less Stereo Class-D Amplifier
LX1702 MICROSEMI-LX1702 Datasheet
271Kb / 11P
1W Filter less Stereo Class-D Amplifier
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Rohm
BD27400GUL ROHM-BD27400GUL Datasheet
1Mb / 23P
Filter-Less Class-D Monaural Speaker Amplifier
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com