Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N3904 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N3904
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N3904 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N3904 Datasheet HTML 1Page - KEC(Korea Electronics) 2N3904 Datasheet HTML 2Page - KEC(Korea Electronics) 2N3904 Datasheet HTML 3Page - KEC(Korea Electronics) 2N3904 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=30V, VEB=3V
-
-
50
nA
Base Cut-off Current
IBL
VCE=30V, VEB=3V
-
-
50
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10 A, IE=0
60
-
-
V
Collector-Emitter Breakdown Voltage *
V(BR)CEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
6.0
-
-
V
DC Current Gain
*
hFE(1)
VCE=1V, IC=0.1mA
40
-
-
hFE(2)
VCE=1V, IC=1mA
70
-
-
hFE(3)
VCE=1V, IC=10mA
100
-
300
hFE(4)
VCE=1V, IC=50mA
60
-
-
hFE(5)
VCE=1V, IC=100mA
30
-
-
Collector-Emitter Saturation Voltage
*
VCE(sat)1
IC=10mA, IB=1mA
-
-
0.2
V
VCE(sat)2
IC=50mA, IB=5mA
-
-
0.3
Base-Emitter Saturation Voltage
*
VBE(sat)1
IC=10mA, IB=1mA
0.65
-
0.85
V
VBE(sat)2
IC=50mA, IB=5mA
-
-
0.95
Transition Frequency
fT
VCE=20V, IC=10mA, f=100MHz
300
-
-
MHz
Collector Output Capacitance
Cob
VCB=5V, IE=0, f=1MHz
-
-
4.0
pF
Input Capacitance
Cib
VBE=0.5V, IC=0, f=1MHz
-
-
8.0
pF
Input Impedance
hie
VCE=10V, IC=1mA, f=1kHz
1.0
-
10
k
Voltage Feedback Ratio
hre
0.5
-
8.0
x10
-4
Small-Signal Current Gain
hfe
100
-
400
Collector Output Admittance
hoe
1.0
-
40
Noise Figure
NF
VCE=5V, IC=0.1mA Rg=1k ,
f=10Hz
15.7kHz
-
-
5.0
dB
Switching Time
Delay Time
td
Vout
Total< 4pF
C
10kΩ
V =3.0V
CC
300ns
-0.5V
10.9V
0
t ,t < 1ns, Du=2%
r
in
V
f
-
-
35
nS
Rise Time
tr
-
-
35
Storage Time
tstg
20µs
1N916
or equiv.
10.9V
-9.1V
Vout
Total< 4pF
C
V =3.0V
CC
10kΩ
Vin
0
t ,t < 1ns, Du=2%
rf
-
-
200
Fall Time
tf
-
-
50
2002. 9. 12
2/4
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
)
2N3904
* Pulse Test : Pulse Width
300 S, Duty Cycle
2%.


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904 Datasheet
69Kb / 3P
   NPN Silicon General Purpose Transistor
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com