Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX14600 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14600
Description  USB Host Charger Identification/Adapter Emulators Greater User Flexibility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14600 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14600 Datasheet HTML 1Page - Maxim Integrated Products MAX14600 Datasheet HTML 2Page - Maxim Integrated Products MAX14600 Datasheet HTML 3Page - Maxim Integrated Products MAX14600 Datasheet HTML 4Page - Maxim Integrated Products MAX14600 Datasheet HTML 5Page - Maxim Integrated Products MAX14600 Datasheet HTML 6Page - Maxim Integrated Products MAX14600 Datasheet HTML 7Page - Maxim Integrated Products MAX14600 Datasheet HTML 8Page - Maxim Integrated Products MAX14600 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX14600–MAX14605
USB Host Charger Identification/Adapter Emulators
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5.0V, TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-Off Time
tOFF
VTDP or VTDM = 1.5V, RL = 300I,
CL = 35pF, VIH = VCC, VIL = 0V, Figure 1
(Note 5)
1
5
F
s
TDP, TDM Switch Propagation
Delay
tPLH, tPHL
RL = RS = 50I
60
ps
Output Skew
tSK
Skew between DP and DM when
connected to TDP and TDM,
RL = RS = 50I, Figure 2
40
ps
TDP, TDM Off-Capacitance
COFF
f = 1MHz, VBIAS = 0V, VIN = 500mVP-P
2.0
pF
DP, DM On-Capacitance
(Connected to TDP, TDM)
CON
f = 240MHz, VBIAS = 0V, VIN = 500mVP-P
4.0
5.5
pF
-3dB Bandwidth
BW
RL = RS = 50I
1000
MHz
Off-Isolation
VISO
VTDP or VDP = 0dBm, RL = RS = 50I,
f = 250MHz, Figure 3
-20
dB
Crosstalk
VCT
VTDP or VDP = 0dBm, RL = RS = 50I,
f = 250MHz, Figure 3
-25
dB
DPC INTERNAL RESISTORS
DP/DM Short Pulldown
RPD
320
500
730
kI
RP1/RP2 Ratio
RTRP
1.4
1.5
1.55
RP1 + RP2 Resistance
RRP
85
125
170
kI
RM1/RM2 Ratio
RTRM
0.85
0.86
0.87
RM1 + RM2 Resistance
RRM
60
93
125
kI
DPC COMPARATORS (Note 4)
DM1 Comparator Threshold
VDM1F
DM falling
40
41
42
%VCC
DM1 Comparator Hysteresis
1
%
DM2 Comparator Threshold
VDM2F
DM falling
6.31
7
7.6
%VCC
DM2 Comparator Hysteresis
1
%
DP Comparator Threshold
VDPR
DP rising
45
46
47
%VCC
DP Comparator Hysteresis
1
%
CDP INTERNAL RESISTORS
DP Pulldown Resistor
RDP_DWN
14.25
24.8
kI
DM Pulldown Resistor
RDM_DWN
14.25
24.8
kI
CDP LOW-SPEED COMPARATORS
VDM_SRC Voltage
VDM_SRC
ILOAD = 0 to 200FA, TA = +25°C
0.5
0.7
V
VDAT_REF Voltage
VDAT_REF
0.25
0.4
V
VLGC Voltage
VLGC
0.8
2.0
V
IDP_SINK Current
IDP_SINK
VDP = 0.15V to 3.6V
50
150
F
A


Similar Part No. - MAX14600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14600 MAXIM-MAX14600 Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
MAX14600ETA+T MAXIM-MAX14600ETA+T Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14600ETA+T MAXIM-MAX14600ETA+T Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
More results

Similar Description - MAX14600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
USB Host Charger Identification
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14600 MAXIM-MAX14600_V01 Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com