Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INTRO Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # INTRO
Description  Universal RFID base board with RS232 and optional USB interface.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

INTRO Datasheet(HTML) 3 Page - rfsolutions.ltd

  INTRO Datasheet HTML 1Page - rfsolutions.ltd INTRO Datasheet HTML 2Page - rfsolutions.ltd INTRO Datasheet HTML 3Page - rfsolutions.ltd INTRO Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5) Fit links to J2 and J7 to connect the on-board 5-volt regulator and provide power to the
on-board RS232 converter (Also fit links to J4 and J5 if the optional MM232R USB
interface is fitted).
Note that depending on the Kit supplied, the Universal RFID base board may be supplied
with the MicroRWD module and 700µH antenna coil already fitted.
If in doubt, then links J2, J4, J5, J7 can all be fitted and left permanently connected.
6)
Connect a 9-12 volt DC power supply to the J1 power connector.
OR
Connect a 5-volt DC REGULATED supply to the J3 power connector ensuring that the
polarity is correct (see diagram over page).
Note that the average current consumption of the Universal RFID base-board with the
MicroRWD fitted is less than 100mA. However we recommend that the Power supply
used is of good quality, reasonably noise-free and capable of supplying at least 250mA.
OR
If the “FTDI MM232R USB module” is fitted, connect the Universal RFID base-board to
a PC using a standard USB cable. Note that the USB cable provides communication and
power so no external power supply is required in this case.
7) Connect the RS232 serial cable to your PC communication port (9 way to 9 way cable,
connected straight through, pin to pin) or use the USB cable if the USB module is fitted
(see above).
8) If using the “FTDI MM232R USB” interface then first install the latest version of the
FTDI VCP (Virtual Com Port) USB driver. This can be downloaded from:
http://www.ftdichip.com/Drivers/CDM/CDM%202.04.16.exe
9) Install the MicroRWD Windows application software located in the CDROM \Win32
directory (for the particular tag/card type) by running the SETUP program and following
the on-screen instructions in the usual way. The programs have been written using the
Borland C++Builder software tools and have been tested on all current Win32 platforms
including Windows 95/98, 2000/NT, XP and Vista.
10) Double click on the MicroRWD program icon and once the application is running pull-
down the COM PORT option and select the COM PORT that you are using
Your system is now ready for use and should respond when the card or tag is placed in the RF
field. The printed documents and data sheets on the CDROM describe how the system works
and the basic operational commands. Further information can be found on IB Technology’s
website:
http://www.ibtechnology.co.uk/
or
alternatively please
send
an
email
to:
support@ibtechnology.co.uk


Similar Part No. - INTRO

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
01-Jan-2022
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
Thyristor Surge Suppressors
More results

Similar Description - INTRO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
USB TO RS232
logo
Teridian Semiconductor ...
73S8009CN TERIDIAN-73S8009CN Datasheet
355Kb / 30P
Combo ISO-7816 and USB Universal Smart Card Interface IC
logo
Schurter Inc.
1070004801 SCHURTER-1070004801 Datasheet
98Kb / 3P
Touch Controller Board USB & RS232
logo
STMicroelectronics
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Bolymin, Inc
BC2402AI BOLYMIN-BC2402AI_17 Datasheet
164Kb / 1P
Multi-interface : I2C/SPI/RS232(USB optional)
logo
Radiometrix Ltd
TDI2 RADIOMETRIX-TDI2 Datasheet
510Kb / 4P
Wireless RS232 Interface Board
logo
ON Semiconductor
N24RF16 ONSEMI-N24RF16 Datasheet
222Kb / 21P
Dual Interface RFID
June, 2018 ??Rev. 0
N24RF64 ONSEMI-N24RF64 Datasheet
222Kb / 21P
Dual Interface RFID
June, 2018 ??Rev. 0
logo
PHOENIX CONTACT
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com