Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE8250 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8250
Description  HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8250 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8250 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
High Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm SMA Female Operating From 10 MHz to 18 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm SMA Female Operating
From 10 MHz to 18 GHz PE8250
URL: http://www.pasternack.com/50-ohm-sma-inner-dc-block-0.1-18-ghz-pe8250-p.aspx
PE8250
PE8250 REV
High Voltage DC Block on Inner Conductor 50 Ohm SMA Male
to 50 Ohm SMA Female Operating From 10 MHz to 18 GHz



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com