| Electronic Components Datasheet Search |
|
PLL2_C4 Datasheet(PDF) 236 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C4 Datasheet(HTML) 236 Page - Altera Corporation |
|
236 / 274 page ![]() 9–78 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Remote System Upgrade Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 The factory configuration image is user designed and contains soft logic (Nios II processor or state machine and the remote communication interface) to: ■ Process any errors based on status information from the dedicated remote system upgrade circuitry ■ Communicate with the remote host and receive new application configurations and store the new configuration data in the local non-volatile memory device ■ Determine which application configuration is to be loaded into the Cyclone III device family ■ Enable or disable the user watchdog timer and load its time-out value (optional) ■ Instruct the dedicated remote system upgrade circuitry to start a reconfiguration cycle Figure 9–34 shows the transitions between the factory and application configurations in remote update mode. After power up or a configuration error, the factory configuration logic writes the remote system upgrade control register to specify the address of the application configuration to be loaded. The factory configuration also specifies whether or not to enable the user watchdog timer for the application configuration and, if enabled, specifies the timer setting. 1 Only valid application configurations designed for remote update mode include the logic to reset the timer in user mode. For more information about the user watchdog timer, refer to “User Watchdog Timer” on page 9–85. If there is an error while loading the application configuration, the remote system upgrade status register is written by the dedicated remote system upgrade circuitry of the Cyclone III device family, specifying the cause of the reconfiguration. Figure 9–34. Transitions Between Configurations in Remote Update Mode Set Control Register and Reconfigure Set Control Register and Reconfigure Reload a Different Application Reload a Different Application Application n Configuration Application 1 Configuration Factory Configuration Configuration Error Configuration Error Power Up Configuration Error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |