Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F205 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F205
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F205 Datasheet HTML 102Page - STMicroelectronics STM32F205 Datasheet HTML 103Page - STMicroelectronics STM32F205 Datasheet HTML 104Page - STMicroelectronics STM32F205 Datasheet HTML 105Page - STMicroelectronics STM32F205 Datasheet HTML 106Page - STMicroelectronics STM32F205 Datasheet HTML 107Page - STMicroelectronics STM32F205 Datasheet HTML 108Page - STMicroelectronics STM32F205 Datasheet HTML 109Page - STMicroelectronics STM32F205 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 163 page
background image
Electrical characteristics
STM32F205xx, STM32F207xx
106/163
Doc ID 15818 Rev 7
Figure 45.
ULPI timing diagram
Ethernet characteristics
Table 57 shows the Ethernet operating voltage.
Table 58 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 46 shows the corresponding timing diagram.
Table 56.
ULPI timing
Parameter
Symbol
Value(1)
1.
VDD = 2.7 V to 3.6 V and TA = –40 to 85 °C.
Unit
Min.
Max.
Output clock
Setup time (control in)
tSC, tSD
-6.0
ns
Hold time (control in)
tHC, tHD
0.0
-
ns
Output delay (control out)
tDC, tDD
-9.0
ns
Input clock
(optional)
Setup time (control in)
tSC, tSD
-3.0
ns
Hold time (control in)
tHC, tHD
1.5
-
ns
Output delay (control out)
tDC, tDD
-6.0
ns
Table 57.
Ethernet DC electrical characteristics
Symbol
Parameter
Min.(1)
1.
All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input level
VDD
Ethernet operating voltage
2.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com