Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMBTH10 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMBTH10
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBTH10 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMBTH10 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBTH10 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMBTH10 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200101
Issued Date : 2000.02.01
Revised Date : 2002.10.25
Page No. : 1/3
HMBTH10
HSMC Product Specification
HMBTH10
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HMBTH10 is designed for use in VHF & UHF oscillators and VHF
mixer in tuner of a TV receiver.
Features
• High frequency
• Very low capacitance
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................... -55 ~ +150
°C
Junction Temperature.................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 225 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ......................................................................................... 20 V
VCEO Collector to Emitter Voltage...................................................................................... 15 V
VEBO Emitter to Base Voltage .............................................................................................. 3 V
IC Collector Current ......................................................................................................... 50 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
20
-
-
V
IC=100uA
BVCEO
15
-
-
V
IC=1mA
BVEBO
3
-
-
V
IC=10uA
ICBO
-
-
100
nA
VCB=20V
IEBO
-
-
100
nA
VEB=2V
*VCE(sat)
-
-
500
mV
IC=4mA, IB=0.4mA
VBE(on)
-
-
0.95
V
VCE=10V, IC=4mA
*hFE
60
-
-
VCE=10V, IC=4mA
Cob
-
1.5
-
pF
VCB=10V, f=1MHz
fT
650
-
-
MHz
VCB=10V, IC=4mA, f=100MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-23


Similar Part No. - HMBTH10

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBT1015 HSMC-HMBT1015 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HMBT1815 HSMC-HMBT1815 Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2369 HSMC-HMBT2369 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2484 HSMC-HMBT2484 Datasheet
26Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HMBTH10

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com