Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-0548RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS-0548RH
Description  Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-0548RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS-0548RH Datasheet HTML 1Page - Intersil Corporation HS-0548RH Datasheet HTML 2Page - Intersil Corporation HS-0548RH Datasheet HTML 3Page - Intersil Corporation HS-0548RH Datasheet HTML 4Page - Intersil Corporation HS-0548RH Datasheet HTML 5Page - Intersil Corporation HS-0548RH Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FIGURE 5. ADDRESS DECODER
FIGURE 6. MULTIPLEX SWITCH
Schematic Diagrams (Continued)
+V
ENABLE
PP
P
P
P
P
NNN
N
N
N
A0 OR A0
A1 OR A1
A2 OR A2
TO P-CHANNEL DEVICE OF THE SWITCH PAIR
TO N-CHANNEL DEVICE OF THE SWITCH PAIR
V-
D6
D7
D4
D5
V
OUT
IN
R11
1K
FROM
DECODE
FROM
DECODE
OVERVOLTAGE
PROTECTION
V+
Q6
N
N
N
Q5
P
P
Burn-In/Life Test Circuits
HS-0548RH
DYNAMIC BURN-IN AND LIFE TEST CIRCUIT
V1 = -15V maximum, -16V minimum
V2 = +15V minimum, +16V maximum
R1 = 10kΩ ±5% 1/4W
C1 =C2 = 0.01µF minimum (per socket) or 0.1µF minimum
(per row)
D1 =D2 = 1N4002 (or equivalent)
F0 = 100kHz 50% duty cycle; VIL = 0.8V Max; VIH = 4.0V Min.
F1 =F0/2
F2 =F1/2
F3 =F2/2
HS-0548RH
STATIC BURN-IN TEST CIRCUIT
V1 = 5V minimum, 6V maximum
V2 = -15V maximum, -16V minimum
V3 = +15V minimum, +16V maximum
R1 = 10kΩ±5% 1/4W
C1 =C2 = 0.01µF minimum (per socket) or 0.1µF minimum
(per row)
D1 =D2 = 1N4002 (or equivalent)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
F0
F3
V1
D1
C1
R1
F1
F2
V2
D2
C2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
V2
D1
C1
R1
V1
V3
D2
C2
HS-0548RH, HS-0549RH


Similar Part No. - HS-0548RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HS-0548RH RENESAS-HS-0548RH Datasheet
397Kb / 7P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
August 2001
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS-0548RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Harris Corporation
HI-509L HARRIS-HI-509L Datasheet
424Kb / 9P
Single 8/Differential 4 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com