Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-0548RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-0548RH
Description  Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-0548RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-0548RH Datasheet HTML 1Page - Intersil Corporation HS-0548RH Datasheet HTML 2Page - Intersil Corporation HS-0548RH Datasheet HTML 3Page - Intersil Corporation HS-0548RH Datasheet HTML 4Page - Intersil Corporation HS-0548RH Datasheet HTML 5Page - Intersil Corporation HS-0548RH Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
3543.3
HS-0548RH, HS-0549RH
Radiation Hardened Single 8/Differential 4
Channel CMOS Analog Multiplexers with
Active Overvoltage Protection
The HS-0548RH and HS-0549RH are radiation hardened
analog multiplexers with Active Overvoltage Protection and
guaranteed rON matching. Analog input levels may greatly
exceed either power supply without damaging the device or
disturbing the signal path of other channels. Active
protection circuitry assures that signal fidelity is maintained
even under fault conditions that would destroy other
multiplexers. Analog inputs can withstand constant 70V
peak-to-peak levels with
±15V supplies and digital inputs will
sustain continuous faults up to 4V greater than either supply.
In addition, signal sources are protected from short circuiting
should multiplexer supply loss occur: each input presents
1k
Ω of resistance under this condition. These features make
the HS-0548RH and HS-0549RH ideal for use in systems
where the analog inputs originate from external equipment
or separately powered circuitry. Both devices are fabricated
with 44V dielectrically isolated CMOS technology. The
HS-0548 is an 8 channel device and the HS-0549 is a
4 channel differential version. If input overvoltage protection
is not needed, the HS-0508 and HS-509 multiplexers are
recommended.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95694. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-95694
• QML Qualified per MIL-PRF-38535 Requirements
• Gamma Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 104RAD(Si)
• No Latch-Up
• No Channel Interaction During Overvoltage
• Guaranteed rON Matching
• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . . 44V
• Break-Before-Make Switching
• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . .
±15V
• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0
µs
Applications
• Data Acquisition Systems
• Control Systems
• Telemetry
Pinouts
HS-0548RH GDIP1-T16 (CERDIP)
OR CDIP2-T16 (SBDIP)
TOP VIEW
HS-0549RH GDIP1-T16 (CERDIP)
OR CDIP2-T16 (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962D9569401VEA
HS1-0548RH-Q
-55 to 125
5962D9569401VEC
HS1B-0548RH-Q
-55 to 125
5962D9569402VEA
HS1-0549RH-Q
-55 to 125
5962D9569402VEC
HS1B-0549RH-Q
-55 to 125
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
AO
ENABLE
-VSUPPLY
IN 1
IN 2
IN 3
OUT
IN 4
A1
GND
+VSUPPLY
IN 5
IN 6
IN 7
IN 8
A2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
ENABLE
-VSUPPLY
IN 1A
IN 2A
IN 3A
OUTA
IN 4A
A1
+VSUPPLY
IN 1B
IN 2B
IN 3B
IN 4B
OUT B
GND
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HS-0548RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HS-0548RH RENESAS-HS-0548RH Datasheet
397Kb / 7P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
August 2001
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS-0548RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Harris Corporation
HI-509L HARRIS-HI-509L Datasheet
424Kb / 9P
Single 8/Differential 4 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com