Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-0548RH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS-0548RH
Description  Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-0548RH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-0548RH Datasheet HTML 1Page - Intersil Corporation HS-0548RH Datasheet HTML 2Page - Intersil Corporation HS-0548RH Datasheet HTML 3Page - Intersil Corporation HS-0548RH Datasheet HTML 4Page - Intersil Corporation HS-0548RH Datasheet HTML 5Page - Intersil Corporation HS-0548RH Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Functional Diagrams
HS-0548
HS-0549
HS-0548 TRUTH TABLE
A2
A1
A0
EN
“ON”
CHANNEL
X
X
X
L
NONE
LLL
H
1
LL
H
H
2
LHLH
3
L
HHH
4
HL
LH
5
HLH
H
6
H
HLH
7
HHHH
8
DIGITAL INPUT PROTECTION
LEVEL
SHIFT
OVER-
CLAMP AND
SIGNAL
ISOLATION
VOLTAGE
DRIVER
DECODER/
1K
1K
1K
IN1
IN2
IN8
A0 A1 A2 EN
OUT
††††
5V
REF
HS-0549 TRUTH TABLE
A1
A0
EN
“ON”
CHANNEL
PAIR
X
X
L
NONE
LL
H
1
LH
H
2
HLH
3
HHH
4
IN1B
DIGITAL INPUT PROTECTION
LEVEL
SHIFT
OVER-
CLAMP AND
SIGNAL
ISOLATION
VOLTAGE
5V
REF
1K
1K
1K
IN1A
IN4A
IN4B
A0 A1
EN
OUT A
DRIVER
DECODER/
OUT B
††
Switching Waveforms
FIGURE 1. ACCESS TIME
ADDRESS
DRIVE (VA)
OUTPUT A
VAH = 4.0
VAL = 0V
-10V
-8V
+10V
1/2VAH
tA
EN
VAH
OUT
IN 1
10K
IN 8
IN 2 THRU IN 7
GND
VA
A2
A1
A0
VOUT
10V
±10V
200ns/DIV.
VA INPUT
2V/DIV.
OUTPUT A
5V/DIV.
CH 8 ON
CH 1 ON
HS-0548RH, HS-0549RH


Similar Part No. - HS-0548RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HS-0548RH RENESAS-HS-0548RH Datasheet
397Kb / 7P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
August 2001
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS-0548RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Harris Corporation
HI-509L HARRIS-HI-509L Datasheet
424Kb / 9P
Single 8/Differential 4 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com