Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M3V-50 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M3V-50
Description  Three-Way Power Dividers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M3V-50 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M3V-50_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M3V-50_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Three-Way Power Dividers,
1 - 100 MHz and 50 - 300 MHz
Rev. V3
M3H-50 / M3V-50
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for High Density Packaging
• High Isolation
• VSWR: 1.3:1 Max.
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 1 Watt
Max.
• Internal Load Dissipation: 0.05 Watts Max.
• MIL-STD-202 Screening Available
Description
A Power Divider is ideally a lossless reciprocal
device which can also perform vector summation of
two or more signals and thus is sometimes called a
power combiner or summer.
Pin Configuration
Pin No.
Function
Pin No.
Function
P1
Out
P3
Out
P2
In
P4
Out
M3H-50 Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency
1 - 100
MHz
Insertion Loss
Less Coupling
1 - 100 MHz
dB
0.5
Isolation
1 - 100 MHz
dB
30
Amplitude Balance
1 - 100 MHz
dB
0.2
Phase Balance
1 - 100 MHz
°
1.0
VSWR
1 - 100 MHz
Ratio
1.3:1
M3V-50 Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency
50 - 300 MHz
MHz
Insertion Loss
Less Coupling
50 - 300 MHz
dB
0.75
Isolation
50 - 300 MHz
dB
25
Amplitude Balance
50 - 300 MHz
dB
0.2
Phase Balance
50 - 300 MHz
°
2.0
VSWR
50 - 300 MHz
Ratio
1.3:1
1. All specification apply with 50 ohm source and load impedance.


Similar Part No. - M3V-50_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M3V-50PIN MA-COM-M3V-50PIN Datasheet
66Kb / 2P
Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
More results

Similar Description - M3V-50_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
M/A-COM Technology Solu...
2090 MA-COM-2090 Datasheet
135Kb / 3P
Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
2090SERIES MA-COM-2090SERIES Datasheet
135Kb / 3P
Three-Way Isolated Power Dividers Tapered Ultra-Broadband
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
Power Dividers 4-Way
4A0286 ANAREN-4A0286_14 Datasheet
217Kb / 4P
Power Dividers 8-Way
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
2090 MA-COM-2090_15 Datasheet
472Kb / 4P
Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com