Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1--21003--9 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1--21003--9
Description  0.8mm CHAMP* Crimper Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--21003--9 Datasheet(HTML) 3 Page - Tyco Electronics

  1--21003--9 Datasheet HTML 1Page - Tyco Electronics 1--21003--9 Datasheet HTML 2Page - Tyco Electronics 1--21003--9 Datasheet HTML 3Page - Tyco Electronics 1--21003--9 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408- 4040
0.8mm CHAMP Crimper Assemblies 122842- 1, 122842- 2, and 122842- 3
3
of 4
Rev C
Tyco Electronics Corporation
3. Secure the cable in the cable clamp spring.
4. Slide the lower tooling assembly back against
the rear tool stop of the arbor frame assembly.
5. To crimp the metal backshell onto the cable,
lower the ram using the handle until the adjustment
ring is flush with the top of the arbor frame
assembly.
6. After the connector is crimped, use the handle
to raise the ram; then slide the lower tooling
assembly out from under the ram. Remove the
connector.
6. MAINTENANCE AND INSPECTION
It is recommended that a maintenance and inspection
program be performed periodically to ensure
dependable and uniform terminations. Frequency of
inspection depends on:
1. The care, amount of use, and handling of the
crimper assembly.
2. The presence of abnormal amounts of dust and
dirt.
3. The degree of operator skill.
4. Your own established standards.
The crimper assembly is inspected before being
shipped; however, it is recommended that the
assembly be inspected immediately upon its arrival at
your facility to ensure that it has not been damaged
during shipment. Due to the precision design, it is
important that no parts of the crimper assembly be
interchanged except the replacement parts listed in
Figure 3.
6.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean brush, or a soft, lint--free cloth. DO
NOT use objects that could damage the crimper
assembly.
2. Make certain that upper and lower
subassemblies and cable clamp springs are in
place and properly secured.
3. When the assembly is not in use, store it in a
clean, dry area.
6.2. Periodic Inspection
1. Remove all lubrication and accumulated film
with a suitable commercial degreaser that will not
affect paint or plastic material.
2. Make certain that all assembly components are
in place. If replacements are necessary, refer to
Section 7, REPLACEMENT AND REPAIR.
3. Inspect crimper assembly for worn, cracked,
chipped, or broken areas. If damage is evident,
return the assembly for evaluation and repair. See
Section 7, REPLACEMENT AND REPAIR.
7. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 3.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by Tyco Electronics to ensure
quality and reliability. Order replacement parts
through your representative, or call 1--800--526--5142,
or send a facsimile of your purchase order to
717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
8. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated instruction sheet to corporate
requirements


Similar Part No. - 1--21003--9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
144Kb / 6P
2 mm Common Termination Head Assembly
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
Base Assembly Universal
More results

Similar Description - 1--21003--9

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-01-0117 MOLEX11-11-01-0117 Datasheet
22Kb / 1P
Hand Crimper
0011010088 MOLEX1-0011010088 Datasheet
22Kb / 1P
Hand Crimper
0011010097 MOLEX1-0011010097 Datasheet
22Kb / 1P
Hand Crimper
logo
Tyco Electronics
5175677-2 MACOM-5175677-2 Datasheet
91Kb / 1P
CHAMP .050 PLUG CONN. KIT
5796055 MACOM-5796055 Datasheet
212Kb / 2P
RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
552723-1 MACOM-552723-1 Datasheet
32Kb / 1P
LATCH, LOCKING, CHAMP-LOK
logo
Molex Electronics Ltd.
63811-1100 MOLEX11-63811-1100 Datasheet
37Kb / 1P
Hand Crimper
63811-7500 MOLEX11-63811-7500 Datasheet
39Kb / 1P
Hand Crimper
0011010189 MOLEX-0011010189 Datasheet
30Kb / 1P
Hand Crimper
11/04/2009
0011010209 MOLEX-0011010209 Datasheet
30Kb / 1P
Hand Crimper
01/12/2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com