Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1--21000--8 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1--21000--8
Description  Base Assembly Universal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21000--8 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1--21000--8 Datasheet HTML 1Page - TE Connectivity Ltd 1--21000--8 Datasheet HTML 2Page - TE Connectivity Ltd 1--21000--8 Datasheet HTML 3Page - TE Connectivity Ltd 1--21000--8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
Base Assembly Universal
408--9875
LOC B
1
of 4
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks.
*Trademark. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
22 Mar 11 Rev A
Arbor Tool 768338- 2
Figure 1
AMPLIMITE* .050 Series
AMP--LATCH* Paddleboard
679235--1 (408--9892)
679176--1 (408--9928)
CONNECTOR
TYPES
CONNECTOR- SPECIFIC
KITS
MANUAL ARBOR
FRAME ASSEMBLY
91085--2
BASE
SLIDE BASE
OF FRAME
ASSEMBLY
(Ref)
CABLE
GUIDES
FLUTED
PLATE
FRONT
GUARD
TOOL STOP
(Not Shown)
(Ref)
CABLE
CLAMP
CABLE
STOP
UPPER
TOOL
MOUNT
SLOT ON UPPER TOOL
MOUNT POSITIONED
TOWARD FRONT OF
FRAME ASSEMBLY
1. INTRODUCTION
These instructions cover installation, setup, and
termination procedures for Base Assembly Universal
Arbor Tool 768338--2. The universal arbor tool is used
with connector--specific kits (listed in Figure 1) to
terminate connectors onto .64 mm [.025 in.]
centerline ribbon cable. The tooling assemblies are
used in conjunction with Manual Arbor Frame
Assembly 91085--2 (see Figure 1) or Pneumatic
Auto--Cycle Unit 91112--3.
For information regarding the setup and operation of
the arbor frame assembly, refer to instruction sheet
408--7777 and 408--6732 for the auto--cycle unit.
Installation and setup procedures for the
connector--specific kits are available in 408--9928 (for
679176--1) and 408--9892 (for 679235--1).
Read these instructions (and other referenced
documents) thoroughly before terminating any
connectors.
Dimensions are in millimeters [followed by
inches in brackets].
2. DESCRIPTION (Figure 1)
The universal arbor tool consists of an upper tool
mount and a lower tooling assembly. The lower
tooling consists of a machined base, a fluted plate,
two cable guides, a cable clamp, a cable stop, and a
front guard. The machined base allows the tooling to
be moved into and out of the crimping area of the
arbor frame assembly. The fluted plate is designed to
provide proper seating of the ribbon cable. The cable
guides aid in positioning the ribbon cable with the
connector assembly, and the cable clamp holds the
NOTE
i


Similar Part No. - 1--21000--8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
144Kb / 6P
2 mm Common Termination Head Assembly
1--21000--9 TEC-1--21000--9 Datasheet
183Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 1--21000--8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2213730-1 MACOM-2213730-1 Datasheet
653Kb / 3P
BASE ASSEMBLY, LIGHT CONTROLLER
6489700-1 MACOM-6489700-1 Datasheet
161Kb / 1P
HEADER ASSEMBLY, UNIVERSAL, AMP LATCH
logo
Schneider Electric
HMIG5U2 SCHNEIDER-HMIG5U2 Datasheet
172Kb / 4P
Base unit, Harmony GTU, Open BOX for Universal Panel
Sep 13, 2021
HMIG2U SCHNEIDER-HMIG2U Datasheet
145Kb / 4P
Base unit, Harmony GTU, Standard Box for Universal Panel
Apr 27, 2022
HMIG3UFC SCHNEIDER-HMIG3UFC Datasheet
136Kb / 4P
Base unit, Harmony GTU, Premium BOX for Universal Panel
Sep 20, 2021
logo
rfsolutions.ltd
INTRO RFSOLUTIONS-INTRO Datasheet
694Kb / 4P
Universal RFID base board with RS232 and optional USB interface.
logo
Taoglas antenna solutio...
CAB.X05 TAOGLAS-CAB.X05 Datasheet
524Kb / 7P
taoglas magnet mount antenna base cable assembly
CAB.X06 TAOGLAS-CAB.X06 Datasheet
527Kb / 7P
taoglas magnet mount antenna base cable assembly
CAB.X04 TAOGLAS-CAB.X04 Datasheet
496Kb / 7P
taoglas magnet mount antenna base cable assembly
CAB.X07 TAOGLAS-CAB.X07 Datasheet
531Kb / 7P
taoglas magnet mount antenna base cable assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.UK
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com