Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 0603CS-R11XL

  • AI
    The **0603CS-R11XL** is a high-performance **Ceramic Core Chip Inductor** manufactured by Coilcraft. It belongs to the 0603CS series, which is industry-renowned for high Q factors and high self-resonant frequencies (SRF). --- ## 1. Technical Specifications The alphanumeric code provides specific details about the component's physical and electrical properties: | Parameter | Specification | Description | |:---|:---|:---| | **Inductance** | 110 nH | The nominal inductance value (R11 = 0.11 µH). | | **Tolerance** | ±2% to ±5% | Typically "X" denotes a specific tolerance range (Check datasheet for "L" suffix). | | **Case Size** | 0603 (EIA) | 1.6 mm x 0.8 mm (Physical dimensions). | | **Core Material** | Ceramic | Provides excellent stability and high SRF. | | **Max DC Current** | ~400 mA | The maximum current the part can handle before overheating. | | **DC Resistance** | 0.48 Ohms (Max) | Resistance of the internal wire winding. | | **Q Factor (Min)** | 48 at 250 MHz | Indicates low energy loss. | --- ## 2. Key Features ### High Q Factor The "CS" series uses a wire-wound ceramic structure. This design allows for a much higher Quality Factor (Q) compared to multilayer inductors, making it ideal for signal integrity in RF circuits. ### Self-Resonant Frequency (SRF) With an SRF typically around **1600 MHz**, this part remains inductive well into the Gigahertz range. This is critical for high-frequency filtering and matching. ### Termination and Soldering The "L" at the end usually signifies the termination finish, often **Silver-Palladium-Platinum (Ag/Pd/Pt)** or **Leaded (Sn/Pb)** depending on the specific Coilcraft environmental sub-code. --- ## 3. Common Applications * **RF Impedance Matching:** Used in the front-end of wireless transceivers to match antennas to Power Amplifiers (PA). * **High-Frequency Filtering:** Implementing Low Pass (LPF) or Band Pass (BPF) filters in mobile devices. * **Bluetooth & Wi-Fi Modules:** Small footprint makes it suitable for compact wireless modules. * **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) due to its high stability. --- ## 4. Part Number Breakdown ```text 0603 CS - R11 X L | | | | | | | | | +-- Termination (e.g., Lead-free or Tin/Lead) | | | +---- Tolerance (X = 5%, J = 5%, G = 2%) | | +-------- Inductance Code (R11 = 110nH) | +------------- Series (Ceramic Chip) +------------------ Size (0.06 x 0.03 inches) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic core and ferrite core inductors?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can you explain how to calculate the SRF for this inductor in a specific circuit?