Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 0603CS-R33X

  • AI
    The **0603CS-R33X** is a high-performance **Wirewound Chip Inductor** manufactured by Coilcraft. It is widely used in high-frequency applications where high "Q" factors and tight tolerances are required. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its primary electrical characteristics: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 330 nH | Defined at a specific test frequency | | **Case Size** | 0603 | 1.6 x 0.8 mm (0.06 x 0.03 inches) | | **Core Material** | Ceramic | Ensures high stability and high Q | | **DCR (Max)** | 1.05 Ohms | Direct Current Resistance | | **SRF (Typ)** | 1100 MHz | Self-Resonant Frequency | | **Irms (Max)** | 310 mA | Maximum continuous current | --- ### 2. Part Number Breakdown The suffix and prefix provide details on the tolerance and termination: * **0603CS**: Series identifier (Wirewound, Ceramic core, 0603 size). * **-R33**: Inductance value ($R = \text{decimal point}$). $0.33\mu H = 330nH$. * **X**: Tolerance and Termination code. * *Usually, a letter follows like 'J' (5%), 'G' (2%), or 'K' (10%).* * *The 'X' specifically often refers to a placeholder for termination type or packaging in certain distributor listings.* --- ### 3. Key Features * **High Q Factor:** Because it uses a wirewound structure around a ceramic core, it has much lower losses compared to multilayer inductors. * **Excellent Frequency Response:** High SRF makes it suitable for RF circuits where the inductor must behave predictably at GHz frequencies. * **Small Footprint:** The 0603 package is standard for dense PCB layouts in mobile and communication devices. --- ### 4. Common Applications Due to its high-frequency performance, this part is typically found in: 1. **RF Matching Networks:** Impedance matching for antennas. 2. **Filter Circuits:** High-pass, low-pass, and band-pass filters in wireless communication. 3. **VCOs:** Voltage Controlled Oscillators. 4. **Power Amplifiers:** Decoupling and biasing in RF signal chains. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between wirewound and multilayer inductors in RF applications?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit design?
    • ⤷ What are the common tolerance codes for Coilcraft 0603CS series?