1008HT-R12TJLC
AI

The **1008HT-R12TJLC** is a high-temperature, surface-mount (SMD) wire-wound chip inductor. It is designed for RF applications where stability and high performance are required under extreme thermal conditions.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically Coilcraft or similar high-reliability brands).
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 120 nH (Nanohenries) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size** | 1008 (2.5 mm x 2.0 mm) |
| **Type** | Wire-wound Ceramic Core |
| **Termination** | Silver-Palladium-Platinum (Ag-Pd-Pt) |
| **Operating Temp** | -40°C to +200°C (High Temp "HT" series) |
---
## 2. Key Component Breakdown
### A. Core Material (Ceramic)
Unlike ferrite-core inductors, this part uses a **ceramic core**. Ceramic is non-magnetic, which ensures:
* High **Q-Factor** (Quality factor) for low loss at high frequencies.
* No saturation issues (Inductance remains stable regardless of current).
* Exceptional thermal stability.
### B. Wire-Wound Construction
The "Wire-wound" design offers lower DC resistance (DCR) compared to multilayer inductors. This allows it to handle higher current and provides better efficiency in RF tuning and matching circuits.
### C. High-Temperature Rating ("HT")
Standard commercial inductors usually cap out at 125°C. The **HT** designation indicates specialized materials and construction that allow the component to function reliably up to **200°C**, making it suitable for "under-the-hood" automotive, aerospace, or down-hole drilling equipment.
---
## 3. Common Applications
Due to its high frequency and high-temperature characteristics, this part is used in:
* **RF Impedance Matching:** Ensuring maximum power transfer in transmitters.
* **Filters:** Low-pass, high-pass, and band-pass filters for signal processing.
* **Automotive Sensors:** High-heat environments near engines or exhaust systems.
* **Telecommunications:** Base stations and satellite communication hardware.
---
## 4. Part Number Decoding (Example)
* **1008**: Package size (0.10 x 0.08 inches).
* **HT**: High Temperature.
* **R12**: Inductance value (R is the decimal; R12 = 0.12 µH or 120 nH).
* **T**: Likely indicates the packaging type (Tape and Reel).
* **J**: Tolerance code (±5%).
* **L/C**: Specific termination plating or RoHS compliance markers.
- ⤷
What are the differences between ceramic-core and ferrite-core inductors?
- ⤷ Can this inductor be used in standard power supply circuits?
- ⤷ What is the Self-Resonant Frequency (SRF) for a 120nH inductor in this package size?