1008HT-R27TJLC
AI

The **1008HT-R27TJLC** is a high-temperature, surface-mount (SMT) wire-wound ceramic core inductor manufactured by **Coilcraft**. It is part of the 1008HT series, designed specifically for high-frequency applications where thermal stability is critical.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the component:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **1008** | Case Size | 0.10 x 0.08 inches (2.5 x 2.0 mm) |
| **HT** | Series | High Temperature (Ceramic Core) |
| **R27** | Inductance | 0.27 µH (270 nH) |
| **T** | Tolerance | ±5% |
| **J** | Termination | Silver-palladium-platinum-glass frit |
| **L** | Packaging | 7″ machine-ready reel |
| **C** | Testing | Standard commercial testing |
---
### 2. Key Technical Specifications
The electrical performance of this inductor is optimized for RF circuits.
* **Inductance:** 270 nH
* **Tolerance:** ±5%
* **Quality Factor (Q min):** 45 at 100 MHz
* **Self-Resonant Frequency (SRF typ):** 600 MHz
* **DCR (Direct Current Resistance) max:** 1.50 Ohms
* **Idc (Maximum Rated Current):** 390 mA
* **Operating Temperature:** -40°C to +200°C (Extremely high range)
---
### 3. Material and Construction
* **Core Material:** Ceramic. Unlike ferrite cores, ceramic cores do not saturate and provide excellent stability across a wide range of frequencies and temperatures.
* **Winding:** Wire-wound. This construction provides higher Q factors and lower DC resistance compared to multilayer inductors of the same size.
* **Encapsulation:** These parts are typically "open" or feature a top-side cap for vacuum pickup during automated assembly.
---
### 4. Common Applications
Due to its high-temperature rating and RF stability, this part is commonly found in:
1. **Aerospace & Defense:** Engines or sensors where ambient heat is high.
2. **Oil & Gas:** Downhole drilling equipment.
3. **Automotive:** Under-the-hood electronics and transmission control units.
4. **RF Filtering:** Impedance matching and resonance circuits in high-frequency transmitters.
---
### 5. Footprint (Dimensions)
| Dimension | Inches | Millimeters |
| :--- | :--- | :--- |
| Length | 0.115 (max) | 2.92 |
| Width | 0.110 (max) | 2.79 |
| Height | 0.080 (max) | 2.03 |
- ⤷What are the soldering requirements for the high-temperature 1008HT series?
- ⤷ How does a ceramic core inductor differ from a ferrite core inductor in terms of saturation?
- ⤷ What is the equivalent part from another manufacturer like Murata or TDK?