Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 10280-R20CFB

  • AI
    The **10280-R20CFB** is a specific electronic component, typically classified as a **High-Density SCSI (Small Computer System Interface) Connector**. It is part of the Mini Delta Ribbon (MDR) series, widely used in industrial automation, telecommunications, and high-speed data transmission. --- ### 1. Technical Specifications Below are the primary technical characteristics of the 10280-R20CFB: | Feature | Specification | | :--- | :--- | | **Connector Type** | MDR (Mini Delta Ribbon) | | **Pin Count** | 80 Positions | | **Gender** | Receptacle (Female) | | **Mounting Type** | PCB Through-Hole (Right Angle) | | **Pitch** | 0.050" (1.27 mm) | | **Termination** | Solder | | **Shielding** | Fully Shielded (Metal Shroud) | --- ### 2. Key Physical Components The part is composed of several critical materials to ensure signal integrity and durability: * **Contacts:** Usually made of a copper alloy with gold plating (often 30µ") to prevent corrosion and ensure low contact resistance. * **Insulator:** High-temperature thermoplastic (LCP or PBT), capable of withstanding wave soldering temperatures. * **Shell/Shroud:** Steel or Die-cast zinc with nickel plating for EMI/RFI (Electromagnetic Interference) protection. * **Board Locks:** Mechanical clips or screws that secure the connector to the PCB before and after soldering. --- ### 3. Applications This connector is frequently found in the following environments: 1. **Industrial Robotics:** Used for transmitting multi-channel sensor data or motor control signals. 2. **Machine Vision:** Common in Camera Link standard interfaces for high-speed imaging. 3. **Networking:** Older high-speed storage arrays and server backplanes. 4. **Medical Equipment:** High-density signal routing in diagnostic machines. --- ### 4. Integration Considerations When designing a PCB for this part, engineers must account for: * **Footprint:** The 1.27mm pitch requires precise routing and tight tolerances on the PCB drill holes. * **EMI Grounding:** The metal shroud should be tied to the chassis or signal ground to minimize noise. * **Mating:** This receptacle typically mates with a **10180 series** plug (male cable end).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for the 10280 series?
    • ⤷ Are there specific mounting hardware requirements for the R20CFB suffix?
    • ⤷ What is the difference between the R20 and R21 suffixes in this series?