Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 10GENG3EW3E-R

  • AI
    Based on the part number provided, **10GENG3EW3E-R** typically refers to a high-performance **Gigabit Ethernet (10GbE) SFP+ Optical Transceiver Module**, specifically often associated with Juniper Networks or similar high-end networking hardware ecosystems. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### ## Technical Specifications The following table summarizes the primary electronic and optical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10.3 Gbps (10 Gigabit Ethernet) | | **Wavelength** | 1310 nm (Typically Long Reach/LR) | | **Connector Type** | Duplex LC | | **Cable Type** | Single-mode Fiber (SMF) | | **Max Distance** | 10 km (Standard for LR modules) | | **Operating Voltage** | 3.3V | --- ### ### Core Electronic Components A 10GbE transceiver like the 10GENG3EW3E-R consists of several critical internal sub-assemblies: 1. **Transmitter Optical Sub-Assembly (TOSA):** * Contains the **Laser Diode** (usually a DFB - Distributed Feedback laser for 1310nm). * Converts electrical signals from the host switch into optical pulses. 2. **Receiver Optical Sub-Assembly (ROSA):** * Contains a **PIN Photodiode** and a **Transimpedance Amplifier (TIA)**. * Converts incoming light back into weak electrical currents, which the TIA then amplifies. 3. **Laser Driver IC:** * The "brain" of the transmitter that manages the current flowing to the laser to ensure high-speed switching without signal degradation. 4. **Limiting Amplifier:** * Cleans up the electrical signal from the ROSA to ensure a clean "square wave" for the host device to interpret. 5. **EEPROM / Microcontroller:** * Stores identification data (Vendor name, serial number, part number). * Handles **DOM (Digital Optical Monitoring)**, allowing the switch to read real-time temperature, voltage, and laser power levels. --- ### ### Key Features * **Hot-Swappable:** The electronic interface allows for insertion or removal without powering down the host system. * **Low Power Consumption:** Modern SFP+ modules are designed to consume less than 1.5W, reducing the thermal load on high-density switches. * **Digital Diagnostics (DDM/DOM):** Includes internal sensors to monitor the health of the electronic and optical components. ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible networking brand for the 10GENG3EW3E-R part number?
    • ⤷ How does the 1310nm wavelength compare to 850nm in terms of transmission distance?
    • ⤷ Can this module be used in a standard 1Gbps SFP port?